Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS13M Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SS13M
Description  Surface Mount Schottky Barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS13M Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SS13M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CREAT BY ART
Document Number: DS_D1406008
Version: J14
SS13M thru SS16M
Taiwan Semiconductor
1
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 7 TYPICAL JUNCTION CAPACITANCE
SS16M
SS13M/SS14M
1
10
100
1000
0.1
1
10
100
t-PULSE DURATION(S)
FIG. 8 TYPICAL TRANSIENT THERMAL IMPEDANCE
SS13M/SS14M
SS16M
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 5 TYPICAL REVERSE CHARACTERISTICS
- SS13M/14M
TJ=25℃
TJ=125℃
TJ=150℃
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
- SS16M
TJ=25℃
TJ=125℃
TJ=150℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com