Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS13M Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SS13M
Description  Surface Mount Schottky Barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS13M Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SS13M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SS13M Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.30
2.70
0.091
0.106
B
2.10
2.30
0.083
0.091
C
0.63
0.73
0.025
0.029
D
0.10
0.20
0.004
0.008
E
1.15
1.35
0.045
0.053
F
0.65
0.85
0.026
0.034
G
1.15
1.35
0.045
0.053
H
0.75
0.95
0.030
0.037
I
1.10
1.50
0.043
0.059
J
0.55
0.75
0.022
0.030
K
0.55
0.75
0.022
0.030
L
0.65
0.85
0.026
0.034
P/N =
Marking code
YW =
Date Code
Document Number: DS_D1406008
Version: J14
SS13M thru SS16M
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A1.1
B2.0
Unit (inch)
0.043
0.079
0.020
0.031
0.039
MARKING DIAGRAM
C0.5
D0.8
E1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com