Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1721CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1721CS
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1721CS Datasheet HTML 5Page - Linear Technology LT1721CS Datasheet HTML 6Page - Linear Technology LT1721CS Datasheet HTML 7Page - Linear Technology LT1721CS Datasheet HTML 8Page - Linear Technology LT1721CS Datasheet HTML 9Page - Linear Technology LT1721CS Datasheet HTML 10Page - Linear Technology LT1721CS Datasheet HTML 11Page - Linear Technology LT1721CS Datasheet HTML 12Page - Linear Technology LT1721CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT1720/LT1721
The exact amount of hysteresis will vary from part to part
as indicated in the specifications table. The hysteresis level
will also vary slightly with changes in supply voltage and
common mode voltage. A key advantage of the LT1720/
LT1721 is the significant reduction in these effects, which
is important whenever an LT1720/LT1721 is used to de-
tect a threshold crossing in one direction only. In such a
case, the relevant trip point will be all that matters, and a
stable offset voltage with an unpredictable level of hyster-
esis, as seen in competing comparators, is of little value.
The LT1720/LT1721 are many times better than prior com-
parators in these regards. In fact, the CMRR and PSRR
tests are performed by checking for changes in either trip
point to the limits indicated in the specifications table.
Because the offset voltage is the average of the trip points,
the CMRR and PSRR of the offset voltage is therefore
guaranteed to be at least as good as those limits. This
more stringent test also puts a limit on the common mode
and power supply dependence of the hysteresis voltage.
Additional hysteresis may be added externally. The rail-to-
rail outputs of the LT1720/LT1721 make this more pre-
dictable than with TTL output comparators due to the
LT1720/LT1721’s small variability of VOH (output high
voltage).
To add additional hysteresis, set up positive feedback by
adding additional external resistor R3 as shown in Figure
3. Resistor R3 adds a portion of the output to the threshold
set by the resistor string. The LT1720/LT1721 pulls the
outputs to the supply rail and ground to within 200mV of
the rails with light loads, and to within 400mV with heavy
loads. For the load of most circuits, a good model for the
APPLICATIONS INFORMATION
Figure 4. Model for Additional Hysteresis Calculations
–
+
1/2 LT1720
1720/21 F04
R2
′
VREF
VTH
R3
VCC
2
VAVERAGE =
R1
voltage on the right side of R3 is 300mV or VCC – 300mV,
for a total voltage swing of (VCC – 300mV) – 300mV =
VCC – 600mV.
With this in mind, calculation of the resistor values needed
is a two-step process. First, calculate the value of R3 based
on the additional hysteresis desired, the output voltage
swing, and the impedance of the primary bias string:
R3 = (R1
R2)(VCC – 0.6V)/(additional hysteresis)
Additional hysteresis is the desired overall hysteresis less
the internal 3.5mV hysteresis.
The second step is to recalculate R2 to set the same
average threshold as before. The average threshold before
was set at VTH = (VREF)(R1)/(R1 + R2). The new R2 is
calculated based on the average output voltage (VCC/2)
and the simplified circuit model in Figure 4. To assure that
the comparator’s noninverting input is, on average, the
same VTH as before:
R2
′ = (VREF – VTH)/(VTH/R1 + (VTH – VCC/2)/R3)
For additional hysteresis of 10mV or less, it is not uncom-
mon for R2
′ to be the same as R2 within 1% resistor
tolerances.
This method will work for additional hysteresis of up to a
few hundred millivolts. Beyond that, the impedance of R3
is low enough to effect the bias string, and adjustment of
R1 may also be required. Note that the currents through
the R1/R2 bias string should be many times the input
currents of the LT1720/LT1721. For 5% accuracy, the
current must be at least 120
µA(6µA IB ÷ 0.05); more for
higher accuracy.
Figure 3. Additional External Hysteresis
–
+
1/2 LT1720
INPUT
1720/21 F03
R2
VREF
R3
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com