Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1721CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1721CS
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721CS Datasheet(HTML) 1 Page - Linear Technology

  LT1721CS Datasheet HTML 1Page - Linear Technology LT1721CS Datasheet HTML 2Page - Linear Technology LT1721CS Datasheet HTML 3Page - Linear Technology LT1721CS Datasheet HTML 4Page - Linear Technology LT1721CS Datasheet HTML 5Page - Linear Technology LT1721CS Datasheet HTML 6Page - Linear Technology LT1721CS Datasheet HTML 7Page - Linear Technology LT1721CS Datasheet HTML 8Page - Linear Technology LT1721CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1720/LT1721
Dual/Quad,
4.5ns, Single Supply
3V/5V Comparators
with Rail-to-Rail Outputs
s
UltraFast: 4.5ns at 20mV Overdrive
7ns at 5mV Overdrive
s
Low Power: 4mA per Comparator
s
Optimized for 3V and 5V Operation
s
Pinout Optimized for High Speed Ease of Use
s
Input Voltage Range Extends 100mV
Below Negative Rail
s
TTL/CMOS Compatible Rail-to-Rail Outputs
s
Internal Hysteresis with Specified Limits
s
Low Dynamic Current Drain; 15
µA/(V-MHz),
Dominated by Load In Most Circuits
The LT
®1720/LT1721 are UltraFastTM dual/quad compara-
tors optimized for single supply operation, with a supply
voltage range of 2.7V to 6V. The input voltage range extends
from 100mV below ground to 1.2V below the supply voltage.
Internal hysteresis makes the LT1720/LT1721 easy to use
even with slow moving input signals. The rail-to-rail outputs
directly interface to TTL and CMOS. Alternatively, the sym-
metric output drive can be harnessed for analog applications
or for easy translation to other single supply logic levels.
The LT1720 is available in the 8-pin MSOP and SO packages;
three pins per comparator plus power and ground. The
LT1721 is available in the 16-pin SSOP and S packages.
The pinouts of the LT1720/LT1721 minimize parasitic effects
byplacingthemostsensitiveinputs(inverting)awayfromthe
outputs, shielded by the power rails. The LT1720/LT1721 are
ideal for systems where small size and low power are
paramount.
, LTC and LT are registered trademarks of Linear Technology Corporation.
UltraFast is a trademark of Linear Technology Corporation.
s
High Speed Differential Line Receiver
s
Crystal Oscillator Circuits
s
Window Comparators
s
Threshold Detectors/Discriminators
s
Pulse Stretchers
s
Zero-Crossing Detectors
s
High Speed Sampling Circuits
2.7V to 6V Crystal Oscillator with TTL/CMOS Output
–
+
C1
1/2 LT1720
2.7V TO 6V
2k
620
Ω
220
Ω
1MHz TO 10MHz
CRYSTAL (AT-CUT)
2k
1720/21 TA01
0.01
µF
1.8k
OUTPUT
GROUND
CASE
Propagation Delay vs Overdrive
OVERDRIVE (mV)
0
30
50
1720/21 TA02
10
20
40
8
7
6
5
4
3
2
1
0
25
°C
VSTEP = 100mV
VCC = 5V
CLOAD = 10pF
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1721CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1721CS LINER-LT1721CS Datasheet
246Kb / 28P
UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
More results

Similar Description - LT1721CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com