Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSF10H150C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSF10H150C
Description  Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF10H150C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF10H150C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D1411070
Version: H14
Green compound
DESCRIPTION
C0
PACKING CODE
G
TSF10HXXXC
(Note 1)
ITO-220AB
EXAMPLE
PACKING CODE
SUFFIX
TSF10H100C thru TSF10H200C
Taiwan Semiconductor
ORDERING INFORMATION
PACKING
PACKAGE
PART NO.
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
C0
PACKING CODE
G
PACKING CODE
SUFFIX
PREFERRED
PART NO.
TSF10H150C C0G
PART NO.
TSF10H150C
Note 1: "XXX" defines voltage from 100V (TSF10H100C) to 200V (TSF10H200C)
50 / Tube
0
2
4
6
8
10
12
0
255075
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSF10H100C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSF10H120C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TSF10H150C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com