Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSF10H150C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF10H150C
Description  Trench Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF10H150C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF10H150C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF10H150C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound meets UL 94 V-0 flammability rating
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
Mounting torque: 0.56 Nm max.
VRRM
V
dV/dt
V/μs
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
IF = 5A
TJ = 25°C
0.62
0.70
0.66
0.74
0.78
0.88
0.81
0.91
IF = 5A
TJ = 125°C
0.55
0.63
0.58
0.66
0.64
0.72
0.67
0.75
TJ = 25°C
-
100
-
100
-
100
-
100
μA
TJ = 125°C
-
15
-
15
1.5
10
1.5
10
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411070
Version: H14
ITO-220AB
SYMBOL
Storage temperature range
Note 1: Pulse test with pulse width=300μs, 1% duty cycle
Instantaneous reverse current per
diode at rated reverse voltage
IFSM
A
V
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load per diode
Operating junction temperature range
- 55 to +150
Case:
ITO-220AB
Polarity:
As marked
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters,
lighting and on-board DC/DC converters.
TSF10H
100C
Weight:
1.7 g (approximately)
Voltage rate of change (Rated VR)
100
per device
IF(AV)
per diode
TSF10H100C thru TSF10H200C
Taiwan Semiconductor
Trench Schottky Rectifier
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Maximum average forward
rectified current
A
TSF10H
150C
TYPICAL APPLICATIONS
MECHANICAL DATA
Typical thermal resistance per diode
IR
Maximum repetitive peak reverse voltage
150
- 55 to +150
UNIT
VF
Instantaneous forward
voltage per diode (Note1)
TSF10H
120C
PARAMETER
4
TSF10H
200C
200
5
10
100
10000
120
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)


Similar Part No. - TSF10H150C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF10H100C TSC-TSF10H100C Datasheet
189Kb / 3P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
More results

Similar Description - TSF10H150C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTTN015 IRF-60CTTN015 Datasheet
74Kb / 5P
TRENCH SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com