Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1809 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1809
Description  180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 3 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1809
3
VOL
Output Voltage Swing LOW (Note 7)
No Load
6
20
mV
ISINK = 5mA
40
80
mV
ISINK = 25mA
150
300
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
17
40
mV
ISOURCE = 5mA
80
160
mV
ISOURCE = 25mA
300
500
mV
ISC
Short-Circuit Current
VS = 5V
±50
±85
mA
VS = 3V
±40
±70
mA
IS
Supply Current
12.5
17
mA
Disable Supply Current
VS = 5V, VSHDN = 0V
0.55
0.8
mA
VS = 3V, VSHDN = 0V
0.31
0.5
mA
GBW
Gain-Bandwidth Product
Frequency = 2MHz
160
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4VP-P
300
V/
µs
THD
Total Harmonic Distortion
VS = 5V, AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
– 86
dB
tS
Settling Time
0.01%, VS = 5V, VSTEP = 2V, AV = 1, RL = 1k
40
ns
∆G
Differential Gain (NTSC)
VS = 5V, AV = 2, RL = 150Ω
0.015
%
∆θ
Differential Phase (NTSC)
0.05
%
The q denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V +
q
13
mV
VCM = V
–
q
13
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V +
q
925
µV/°C
VCM = V –
q
925
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
q
0.5
2
mV
IB
Input Bias Current
VCM = V
+ – 0.1V
q
210
µA
VCM = V – + 0.2V
q
–30
–14
µA
∆IB
Input Bias Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
12
40
µA
IOS
Input Offset Current
VCM = V + – 0.1V
q
0.05
1.5
µA
VCM = V – + 0.2V
q
0.40
4.5
µA
∆IOS
Input Offset Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
0.45
6
µA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k
q
25
80
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω
q
3.5
8.5
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k
q
16
40
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– to V+
q
67.5
80
dB
VS = 3V, VCM = V – to V +
q
63.5
75
dB
Input Common Mode Range
q
V –
V +
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
71
83
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
825
mV
ISINK = 5mA
q
40
80
mV
ISINK = 25mA
q
160
320
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com