Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1809 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1809
Description  180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 4 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1809
4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Vos
Input Offset Voltage
VCM = V +
q
1
3.5
mV
VCM = V
–
q
1
3.5
mV
Vos TC
Input Offset Voltage Drift (Note 8)
VCM = V
+
q
925
µV/°C
VCM = V –
q
925
µV/°C
∆Vos
Input Offset Voltage Shift
VCM = V–
q
0.5
2.25
mV
IB
Input Bias Current
VCM = V + – 0.1V
q
212
µA
VCM = V – + 0.2V
q
–35
–17
µA
∆IB
Input Bias Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
14
47
µA
IOS
Input Offset Current
VCM = V + – 0.1V
q
0.08
2
µA
VCM = V – + 0.2V
q
0.5
6
µA
∆IOS
Input Offset Current Shift
VCM = V – + 0.2V to V + – 0.1V
q
0.58
7.5
µA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k
q
20
60
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω
q
2.5
7
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k
q
12
35
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– to V+
q
66.5
80
dB
VS = 3V, VCM = V – to V +
q
62.5
75.5
dB
Input Common Mode Range
q
V –
V +
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
71
83.5
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
830
mV
ISINK = 5mA
q
45
90
mV
ISINK = 25mA
q
170
340
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
55
120
mV
ISOURCE = 5mA
q
110
230
mV
ISOURCE = 25mA
q
350
620
mV
ISC
Short-Circuit Current
VS = 5V
q
±35
±70
mA
VS = 3V
q
±30
±60
mA
IS
Supply Current
q
15
21
mA
Disable Supply Current
VS = 5V, VSHDN = 0V
q
0.58
1.1
mA
VS = 3V, VSHDN = 0V
q
0.35
0.85
mA
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
50
100
mV
ISOURCE = 5mA
q
110
220
mV
ISOURCE = 25mA
q
340
600
mV
ISC
Short-Circuit Current
VS = 5V
q
±45
±75
mA
VS = 3V
q
±35
±65
mA
IS
Supply Current
q
15
20
mA
Disable Supply Current
VS = 5V, VSHDN = 0V
q
0.58
1
mA
VS = 3V, VSHDN = 0V
q
0.35
0.75
mA
GBW
Gain-Bandwidth Product
q
145
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4VP-P
q
250
V/
µs
The q denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com