Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1886CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1886CS8
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1886CS8 Datasheet HTML 8Page - Linear Technology LT1886CS8 Datasheet HTML 9Page - Linear Technology LT1886CS8 Datasheet HTML 10Page - Linear Technology LT1886CS8 Datasheet HTML 11Page - Linear Technology LT1886CS8 Datasheet HTML 12Page - Linear Technology LT1886CS8 Datasheet HTML 13Page - Linear Technology LT1886CS8 Datasheet HTML 14Page - Linear Technology LT1886CS8 Datasheet HTML 15Page - Linear Technology LT1886CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1886
APPLICATIO S I FOR ATIO
–RCV
–
+
LT1886
V+
V+
V–
R5
1k
R9
12.4
Ω
R10
12.4
Ω
R7
12.4
Ω
R18
R19
2
1
8
3
5
7
4
8
6
C9
470pF
C8
0.1
µF
V+
C12
0.1
µF
LT1886
3
1
2
+
–
LT1813
R7
1k
TP1
TP3
TP2
TP5
TP4
R20
130
Ω
C19
100pF
R4
130
Ω
C20
100pF
R6
499
Ω
C4
1
µF
R8
499
Ω
R3
20k
R4
20k
C5
1
µF
C11
0.1
µF
C10
470pF
C3
1
µF
C15
1
µF
C14
10
µF
1886 F11
GND
V+
V+
R11
4.02k
R12
2k
R13
1k
+RCV
–DRV
4
V –
C13
0.1
µF
6
7
5
–
+
LT1813
C6
10pF
C23
470pF
R15
2k
R16
1k
R14
4.02k
C7
10pF
JP3
JP2
JP4
JP5
SEPARATE
SECONDARY
GROUND
LINE
OUT
C2
0.1
µF
+DRV
JP1
C1
0.1
µF
R1
10k
R2
10k
+
C17
1
µF
C16
10
µF
+
C18
10
µF
V–
6
4
9
7
10
2
TP6
C21
470pF
C22
470pF
COILCRAFT X8390-A
OR EQUIVALENT
Figure 11. LT1886, LT1813 DSL Demo Board (DC304)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com