Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1886CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1886CS8
Description  Dual 700MHz, 200mA Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1886CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1886CS8 Datasheet HTML 8Page - Linear Technology LT1886CS8 Datasheet HTML 9Page - Linear Technology LT1886CS8 Datasheet HTML 10Page - Linear Technology LT1886CS8 Datasheet HTML 11Page - Linear Technology LT1886CS8 Datasheet HTML 12Page - Linear Technology LT1886CS8 Datasheet HTML 13Page - Linear Technology LT1886CS8 Datasheet HTML 14Page - Linear Technology LT1886CS8 Datasheet HTML 15Page - Linear Technology LT1886CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1886
PART NUMBER
DESCRIPTION
COMMENTS
LT1207
Dual 250mA, 60MHz Current Feedback Amplifier
Shutdown/Current Set Function
LT1361
Dual 50MHz, 800V/
µs Op Amp
±15V Operation, 1mV VOS, 1µA IB
LT1396
Dual 400MHz, 800V/
µs Current Feedback Amplifier
4.6mA Supply Current Set, 80mA IOUT
LT1497
Dual 125mA, 50MHz Current Feedback Amplifier
900V/
µs Slew Rate
LT1795
Dual 500mA, 50MHz Current Feedback Amplifier
Shutdown/Current Set Function, ADSL CO Driver
LT1813
Dual 100MHz, 750V/
µs, 8nV/√Hz Op Amp
Low Noise, Low Power Differential Receiver
©LINEAR TECHNOLOGY CORPORATION 1999
1886f LT/TP 0400 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
TYPICAL APPLICATIO
–
+
6.19
Ω
1
8
5V
4
–5V
1k
866
Ω
2k
2k
866
Ω
–
+
VIN
–
+
VL
*COILCRAFT X8390-A
OR EQUIVALENT
6.19
Ω
1/2 LT1886
1/2 LT1886
1886 TA02
1k
100pF
1:2*
100
Ω
130
Ω
3
2
7
6
5
100pF
130
Ω
= 5
(ASSUME 0.5dB TRANSFORMER POWER LOSS)
REFLECTED LINE IMPEDANCE = 100
Ω / 22 = 25Ω
EFFECTIVE TERMINATION = 2 • 6.19 •
EACH AMPLIFIER: 0.56VRMS, 29.9mARMS
±3V PEAK, ±160mA PEAK
= 24.8
Ω
VL
VIN
2k
Ω
1k
Ω
Split Supply
±5V ADSL CPE Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com