Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS521LP
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS521LP Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS521LP_15 Datasheet HTML 1Page - Diodes Incorporated BAS521LP_15 Datasheet HTML 2Page - Diodes Incorporated BAS521LP_15 Datasheet HTML 3Page - Diodes Incorporated BAS521LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS521LP
Document number: DS32176 Rev. 6 - 2
1 of 4
www.diodes.com
April 2015
© Diodes Incorporated
BAS521LP
HIGH VOLTAGE SWITCHING DIODE
Features
•
Fast Switching Speed: Maximum of 50ns
•
High Reverse Breakdown Voltage: 325V
•
Low Leakage Current: Maximum of 50nA when VR = 5V or
Maximum of 150nA when VR = 250V at Room Temperature
•
Ultra Small Plastic SMD Package: 1.0mm x 0.6mm x 0.5mm
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. "Green" Device (Note 3)
Mechanical Data
•
Case: X1-DFN1006-2
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.0009 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
BAS521LP-7
X1-DFN1006-2
3,000/Tape & Reel
BAS521LP-7B
X1-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
1
2
Device Schematic
BAS521LP-7
BAS521LP-7B
Top View
Bar Denotes
Cathode Side
Top View
Dot Denotes
Cathode Side
X1-DFN1006-2
98 = Product Type Marking Code
OR
Top View
Bar Denotes
Cathode Side
98
98
98
e4


Similar Part No. - BAS521LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS521LP DIODES-BAS521LP_11 Datasheet
87Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
Rev erse
More results

Similar Description - BAS521LP_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com