Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS521LP
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS521LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS521LP_15 Datasheet HTML 1Page - Diodes Incorporated BAS521LP_15 Datasheet HTML 2Page - Diodes Incorporated BAS521LP_15 Datasheet HTML 3Page - Diodes Incorporated BAS521LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS521LP
Document number: DS32176 Rev. 6 - 2
2 of 4
www.diodes.com
April 2015
© Diodes Incorporated
BAS521LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
325
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
325
V
Forward Current (Note 5)
IF
400
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0µs
IFSM
8.0
A
Repetitive Peak Forward Current @ t=8.3ms (Note 5)
IFRM
3.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
400
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
312
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
300
V
IR = 100µA
Forward Voltage
VF
1.1
V
IF = 100mA
Reverse Current (Note 6)
IR
50
150
100
nA
nA
µA
VR = 5V
VR = 250V
VR = 250V, TJ = +150°C
Total Capacitance
CT
5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
125
175
300
100
200
0
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Derating Curve
25
100
50
75
150
50
150
250
400
350
Note 5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6 1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.1
1
10
100
1,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com