Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1067C
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1067C Datasheet HTML 12Page - Linear Technology LTC1067C Datasheet HTML 13Page - Linear Technology LTC1067C Datasheet HTML 14Page - Linear Technology LTC1067C Datasheet HTML 15Page - Linear Technology LTC1067C Datasheet HTML 16Page - Linear Technology LTC1067C Datasheet HTML 17Page - Linear Technology LTC1067C Datasheet HTML 18Page - Linear Technology LTC1067C Datasheet HTML 19Page - Linear Technology LTC1067C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1067/LTC1067-50
FREQUENCY (kHz)
12
4
6
8 10
1067 TA05c
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
20
CIN1 = 1500pF – 5%
CIN1 = 1500pF + 5%
CIN1 = 1500pF
APPLICATIONS INFORMATION
Passband Gain Variation Due to CIN
Frequency Response (fCUTOFF = 10kHz)
FREQUENCY (kHz)
1
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1067 TA05b
1067 TA05a
LTC1067
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
5V
VIN
RIN1
16.9k
CIN1
1500pF
5%
RIN2
22.6k
R32, 29.4k
R42, 47.5k
R22, 45.3k
R41, 20k
R31, 47.5k
R21, 22.6k
RH1, 118k
RL1, 24.3k
VOUT
fCLK
–5V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
0.1
µF
0.1
µF
VS
±5V
5V
3V
fCUTOFF
20k
15k
10k
5k
CIN1
750pF 1000pF
1500pF
3000pF
fCLK
2MHz 1.5MHz
1MHz
500kHz
TYPICAL APPLICATIONS
5th Order Lowpass with Input RC (Fixed Frequency)
Figure 16. Silkscreen for the LTC1067/LTC1067-50 Demo Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com