Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1067C
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067C Datasheet(HTML) 2 Page - Linear Technology

  LTC1067C Datasheet HTML 1Page - Linear Technology LTC1067C Datasheet HTML 2Page - Linear Technology LTC1067C Datasheet HTML 3Page - Linear Technology LTC1067C Datasheet HTML 4Page - Linear Technology LTC1067C Datasheet HTML 5Page - Linear Technology LTC1067C Datasheet HTML 6Page - Linear Technology LTC1067C Datasheet HTML 7Page - Linear Technology LTC1067C Datasheet HTML 8Page - Linear Technology LTC1067C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1067/LTC1067-50
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Total Voltage Supply (V + to V –) .............................. 12V
Input Voltage ........................ (V + + 0.3V) to (V – – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Power Dissipation ............................................... 500mV
Operating Temperature Range
LTC1067C................................................ 0
°C to 70°C
LTC1067I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult factory for Military grade parts.
LTC1067 (internal op amps) VS = 4.75V, TA = 25°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Range
311
V
Positive Output Voltage Swing
VS = 3V, RL = 10k
q
2.65
2.80
V
VS = 4.75V, RL = 10k
q
4.25
4.50
V
VS = ±5V, RL = 10k
q
4.15
4.50
V
Negative Output Voltage Swing
VS = 3V, RL = 10k
q
0.020
0.200
V
VS = 4.75V, RL = 10k
q
0.025
0.225
V
VS = ±5V, RL = 10k
q
– 4.96
– 4.80
V
Output Short-Circuit Current
VS = 3V
16/1.0
mA
(Source/Sink)
VS = 4.75V
33/2.2
mA
VS = ±5V
70/7.2
mA
DC Open-Loop Gain
RL = 10k
90
dB
GBW Product
RL = 10k
2.8
MHz
Slew Rate
RL = 10k
2.25
V/
µs
LTC1067 (complete filter) VS = 4.75V, fCLK = 250kHz, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range, fO (Note 1)
0.001 to 20
kHz
Input Frequency Range
0 to 1
MHz
Clock-to-Center Frequency, fCLK/fO
VS = 3V, fCLK = 250kHz, Mode 1, fO = 2.5kHz, Q = 5
100:1
±0.2
%
R1 = R3 = 49.9k, R2 = 10k
q
±0.70
%
VS = 4.75V, fCLK = 250kHz, Mode 1, fO = 2.5kHz, Q = 5
100:1
±0.2
%
R1 = R3 = 49.9k, R2 = 10k
q
±0.70
%
VS = ±5V, fCLK = 500kHz, Mode 1, fO = 5kHz, Q = 5
100:1
±0.2
%
R1 = R3 = 49.9k, R2 = 10k
q
±0.70
%
Clock-to-Center Frequency Ratio,
VS = 3V, fCLK = 250kHz, Q = 5
q
±0.1
±0.35
%
Side-to-Side Matching
VS = 4.75V, fCLK = 250kHz, Q = 5
q
±0.1
±0.35
%
VS = ±5V, fCLK = 500kHz, Q = 5
q
±0.1
±0.35
%
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
TJMAX = 110°C, θJA = 135°C/ W (GN)
TJMAX = 110°C, θJA = 115°C/ W (S)
LTC1067CGN
LTC1067-50CGN
LTC1067IGN
LTC1067-50IGN
LTC1067CS
LTC1067-50CS
LTC1067IS
LTC1067-50IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com