Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 6 Page - Linear Technology

  LTC1069-1 Datasheet HTML 1Page - Linear Technology LTC1069-1 Datasheet HTML 2Page - Linear Technology LTC1069-1 Datasheet HTML 3Page - Linear Technology LTC1069-1 Datasheet HTML 4Page - Linear Technology LTC1069-1 Datasheet HTML 5Page - Linear Technology LTC1069-1 Datasheet HTML 6Page - Linear Technology LTC1069-1 Datasheet HTML 7Page - Linear Technology LTC1069-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1069-1
PIN FUNCTIONS
NC (Pins 3, 6): No Connection. Pins 3 and 6 are not
connected to any internal circuity; they should be prefer-
ably tied to ground.
VIN (Pin 4): Filter Input Pin. The filter input pin is internally
connected to the inverting input of an op amp through a
43k resistor.
CLK (Pin 5): Clock Input Pin. Any TTL or CMOS clock
source with a square wave output and 50% duty cycle
(
±10%) is an adequate clock source for the device. The
power supply for the clock source should not necessarily
be the filter’s power supply. The analog ground of the filter
should be connected to clock’s ground at a single point
only. Table 1 shows the clock’s low and high level thresh-
old value for a dual or a single supply operation. A pulse
generator can be used as a clock source provided the high
level ON time is greater than 0.42
µs (VS = ±5V). Sine
waves less than 100kHz are not recommended for clock
signal because excessive slow clock rise or fall times
generate internal clock jitter. The maximum clock rise or
fall is 1
µs. The clock signal should be routed from the right
side of the IC package to avoid coupling into any input or
output analog signal path. A 1k resistor between the clock
source and the clock input pin (5) will slow down the rise
and fall times of the clock to further reduce charge cou-
pling, Figure 1.
Table 1. Clock Source High and Low Thresholds
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±5V
1.5V
0.5V
Single Supply = 10V
6.5V
5.5V
Single Supply = 5V
1.5V
0.5V
Single Supply = 3.3V
1.2V
0.5V
VOUT (Pin 8): Filter Output Pin. Pin 8 is the output of the
filter and it can source or sink 1mA. Driving coaxial cables
or resistive loads less than 20k will degrade the total
harmonic distortion of the filter. When evaluating the
device’s dynamic range, a buffer is required to isolate the
filter’s output from coax cables and instruments.
APPLICATIONS INFORMATION
Temperature Behavior
The power supply current of the LTC1069-1 has a positive
temperature coefficient. The GBW product of its internal
op amps is nearly constant and the speed of the device
does not degrade at high temperatures. Figures 3a, 3b and
3c show the behavior of the maximum passband of the
device for various supplies and temperatures. The filter,
Figure 3a
Figure 3b
Figure 3c
FREQUENCY (kHz)
0.5
6.5
1069-1 F03a
2.5
4.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1.5
3.5
5.5
7.5
VS = 3.3V
fCLK = 750kHz
VIN = 0.5VRMS
TA = 85°C
TA = 25°C
TA = –40°C
FREQUENCY (kHz)
0.5
6.5
1069-1 F03b
2.5
4.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1.5
3.5
5.5
7.5 8.5 9.5 10.5
VS = 5V
fCLK = 1MHz
VIN = 1.2VRMS
TA = 25°C
TA = 85°C
TA = –40°C
especially at
±5V supply, has a passband behavior which
is nearly temperature independent.
Clock Feedthrough
The clock feedthrough is defined as the RMS value of the
clock frequency and its harmonics that are present at the
filter’s output pin (8). The clock feedthrough is tested with
FREQUENCY (kHz)
1
13
1069-1 F03c
59
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
3
7
11
15
VS = ±5V
fCLK = 1.5MHz
VIN = 2VRMS
TA = 85°C
TA = –40°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com