Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 7 Page - Linear Technology

  LTC1069-1 Datasheet HTML 1Page - Linear Technology LTC1069-1 Datasheet HTML 2Page - Linear Technology LTC1069-1 Datasheet HTML 3Page - Linear Technology LTC1069-1 Datasheet HTML 4Page - Linear Technology LTC1069-1 Datasheet HTML 5Page - Linear Technology LTC1069-1 Datasheet HTML 6Page - Linear Technology LTC1069-1 Datasheet HTML 7Page - Linear Technology LTC1069-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1069-1
APPLICATIONS INFORMATION
the input pin (4) shorted to the AGND pin and depends on
PC board layout and on the value of the power supplies.
With proper layout techniques the values of the clock
feedthrough are shown on Table 2.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Any parasitic switching transients during the rise and fall
edges of the incoming clock are not part of the clock
feedthrough specifications. Switching transients have fre-
quency contents much higher than the applied clock; their
amplitude strongly depends on scope probing techniques
as well as grounding and power supply bypassing. The
clock feedthrough can be reduced, if bothersome, by
adding a single RC lowpass filter at the output pin (8) of the
LTC1069-1.
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and determines the
operating signal-to-noise ratio. Most of the wideband
noise frequency contents lie within the filter passband.
The wideband noise cannot be reduced by adding post
filtering. The total wideband noise is nearly independent of
the clock frequency and depends slightly on the power
Table 2. Clock Feedthrough
VS
CLOCK FEEDTHROUGH
3.3V
10
µVRMS
5V
40
µVRMS
±5V
160
µVRMS
Table 3. Wideband Noise
VS
WIDEBAND NOISE
3.3V
100
µVRMS
5V
108
µVRMS
±5V
112
µVRMS
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs for input frequencies approaching
the sampling frequency. The internal sampling frequency
of the LTC1069-1 is 100 times its cutoff frequency. For
instance, if a 98kHz, 100mVRMS signal is applied at the
input of an LTC1069-1 operating with a 100kHz clock, a
2kHz, 28
µVRMS alias signal will appear at the filter output.
Table 4 shows details.
Table 4. Aliasing (fCLK = 100kHz)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS)
(Relative to Input)
(Aliased Frequency)
(kHz)
(dB)
(kHz)
fCLK/fC = 100:1, fCUTOFF = 1kHz
96
(or 104)
– 90.0
4.0
97
(or 103)
– 86.0
3.0
98
(or 102)
– 71.0
2.0
985. (or 101.5)
– 56.0
1.5
99
(or 101)
– 1.1
1.0
99.5 (or 100.5)
– 0.21
0.5
supply voltage (see Table 3). The clock feedthrough speci-
fications are not part of the wideband noise.
TYPICAL APPLICATIONS
Single 3.3V Supply Operation with Output Buffer
Single 5V Operation with Power Shutdown
1
2
3
4
8
7
6
5
VOUT
V –
NC
CLK
AGND
V+
NC
VIN
0.1
µF
0.47
µF
VIN
VOUT
1069-1 TA05
LTC1069-1
fCLK
500kHz
3.3V
0V
–
+
1/2 LT1366
3.3V
0.1
µF
1
2
3
4
8
7
6
5
VOUT
V –
NC
CLK
AGND
V+
NC
VIN
0.1
µF
0.47
µF
SHUTDOWN
ON
5V
VIN
VOUT
1069-1 TA04
LTC1069-1
fCLK ≤
750kHz
5V
0V
CMOS LOGIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com