Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1065CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1065CS
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1065CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1065CS Datasheet HTML 1Page - Linear Technology LTC1065CS Datasheet HTML 2Page - Linear Technology LTC1065CS Datasheet HTML 3Page - Linear Technology LTC1065CS Datasheet HTML 4Page - Linear Technology LTC1065CS Datasheet HTML 5Page - Linear Technology LTC1065CS Datasheet HTML 6Page - Linear Technology LTC1065CS Datasheet HTML 7Page - Linear Technology LTC1065CS Datasheet HTML 8Page - Linear Technology LTC1065CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1065
DC Accurate, Clock-Tunable
Linear Phase 5th Order Bessel
Lowpass Filter
3.4kHz Single 5V Supply Bessel Lowpass Filter
APPLICATI
TYPICAL
DESCRIPTIO
S
FEATURE
s
Clock-Tunable Cutoff Frequency
s
1mV DC Offset (Typical)
s
80dB CMR (Typical)
s
Internal or External Clock
s
50
µVRMS Clock Feedthrough
s
100:1 Clock-to-Cutoff Frequency Ratio
s
80
µVRMS Total Wideband Noise
s
0.004% Noise + THD at 2VRMS Output Level
s
50kHz Maximum Cutoff Frequency
s
Cascadable for Faster Roll-Off
s
Operates from
±2.375 to ±8V Power Supplies
s
Self-Clocking with 1 RC
The LTC1065 is the first monolithic filter providing both
clock-tunability with low DC output offset and over 12-bit
DC accuracy. The frequency response of the LTC1065
closely approximates a 5th order Bessel polynomial. With
appropriate PCB layout techniques the output DC offset is
typically 1mV and is constant over a wide range of clock
frequencies. With
±5V supplies and ±4V input voltage
range, the CMR of the device is typically 80dB.
The filter cutoff frequency is controlled either by an inter-
nal or external clock. The clock-to-cutoff frequency ratio is
100 : 1. The on-board clock is nearly power supply inde-
pendent and it is programmed via an external RC. The
50
µVRMS clock feedthrough of the device is considerably
lower than other existing monolithic filters.
The LTC1065 wideband noise is 80
µVRMS and it can
process large AC input signals with low distortion. With
±7.5V supplies, for instance, the filter handles up to
4VRMS (94dB S/N ratio) while the standard 1kHz THD is
below 0.005%; 87dB dynamic range (S/N + THD) is ob-
tained with input levels between 2VRMS and 2.5VRMS.
The LTC1065 is available in 8-pin miniDIP and 16-pin SOL.
For a Butterworth response, see LTC1063 data sheet. The
LTC1065 is pin compatible with the LTC1063.
S
APPLICATI
s
Audio
s
Strain Gauge Amplifiers
s
Anti-Aliasing Filters
s
Low Level Filtering
s
Digital Voltmeters
s
Smoothing Filters
s
Reconstruction Filters
VIN
4.53k
13k*
5V
0.1
µF
VOUT
1065 TA01
SELF-CLOCKING SCHEME
*
200pF*
1
2
3
4
8
7
6
5
LTC1065
0.1
µF
5V
4.99k
+
1
µF
TANT
Frequency Response
FREQUENCY (kHz)
1
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1065 TA02


Similar Part No. - LTC1065CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065CSW LINER-LTC1065CSW Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
logo
Analog Devices
LTC1065CSW AD-LTC1065CSW Datasheet
256Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
REV B
More results

Similar Description - LTC1065CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1_09 Datasheet
271Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com