Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1065CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1065CS
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1065CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1065CS Datasheet HTML 4Page - Linear Technology LTC1065CS Datasheet HTML 5Page - Linear Technology LTC1065CS Datasheet HTML 6Page - Linear Technology LTC1065CS Datasheet HTML 7Page - Linear Technology LTC1065CS Datasheet HTML 8Page - Linear Technology LTC1065CS Datasheet HTML 9Page - Linear Technology LTC1065CS Datasheet HTML 10Page - Linear Technology LTC1065CS Datasheet HTML 11Page - Linear Technology LTC1065CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1065
S
APPLICATI
I FOR ATIO
An input RC can be used to attenuate incoming signals
close to the filter clock frequency (Figure 10). A Bessel
passband response will be maintained if the value of the
input resistor follows Table 1.
Table 4. Aliasing Data
INPUT FREQUENCY
OUTPUT FREQUENCY
0.9995 fCLK
0.0005 fCLK
– 0.01 dB
0.995 fCLK
0.005 fCLK
– 0.98 dB
0.99
fCLK
0.01
fCLK
– 3.13 dB
0.9875 fCLK
0.0125 fCLK
– 4.79 dB
0.985 fCLK
0.015 fCLK
– 7.21 dB
0.9825 fCLK
0.0175 fCLK
– 10.43 dB
0.98
fCLK
0.02
fCLK
– 14.14 dB
0.975 fCLK
0.025 fCLK
– 21.84 dB
0.97
fCLK
0.03
fCLK
– 28.98 dB
0.965 fCLK
0.035 fCLK
– 35.31 dB
0.96
fCLK
0.04
fCLK
– 40.94 dB
0.955 fCLK
0.045 fCLK
– 45.96 dB
0.95
fCLK
0.05
fCLK
– 50.46 dB
0.94
fCLK
0.06
fCLK
– 58.29 dB
0.93
fCLK
0.07
fCLK
– 64.90 dB
0.9
fCLK
0.1
fCLK
– 80.20 dB
OUTPUT AMPLITUDE
REFERENCED TO
INPUT SIGNAL
S
APPLICATI
TYPICAL
Cascading Two LTC1065s for Steeper Roll-Off
Sharing Clock for Multichannel Applications
VIN
VOUT
1065 F10
C
V–
V+
R
0.1
µF
1
2
3
4
8
7
6
5
LTC1065
0.1
µF
fCLK
20
10
2
πRC
≤≤
1
fCLK
fCLK
Figure 10. Adding an Input Anti-Aliasing RC
VIN
–5V
R
5V
0.1
µF
VOUT
1065 TA04
1
2
3
4
8
7
6
5
LTC1065
C
1
2
3
4
8
7
6
5
LTC1065
–5V
5V
0.1
µF
0.1
µF
0.1
µF
fC ≅ (1/RC)(1/100)
WIDEBAND NOISE = 110
µVRMS
ATTENUATION AT f = 2fC = 60dB
VIN
–5V
R
5V
0.1
µF
VOUT
1065 TA05
1
2
3
4
8
7
6
5
LTC1065
C
1
2
3
4
8
7
6
5
LTC1065
–5V
5V
0.1
µF
0.1
µF
0.1
µF
VIN
VOUT
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com