Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1069-6C
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6C Datasheet(HTML) 1 Page - Linear Technology

  LTC1069-6C Datasheet HTML 1Page - Linear Technology LTC1069-6C Datasheet HTML 2Page - Linear Technology LTC1069-6C Datasheet HTML 3Page - Linear Technology LTC1069-6C Datasheet HTML 4Page - Linear Technology LTC1069-6C Datasheet HTML 5Page - Linear Technology LTC1069-6C Datasheet HTML 6Page - Linear Technology LTC1069-6C Datasheet HTML 7Page - Linear Technology LTC1069-6C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1069-6
Single Supply, Very Low
Power, Elliptic Lowpass Filter
FEATURES
DESCRIPTION
The LTC
®1069-6 is a monolithic low power, 8th order low-
pass filter optimized for single 3V or single 5V supply
operation. The LTC1069-6 typically consumes 1mA under
single 3V supply operation and 1.2mA under 5V operation.
The cutoff frequency of the LTC1069-6 is clock tunable and it
is equal to the clock frequency divided by 50. The input signal
is sampled twice per clock cycle to lower the risk of aliasing.
The typical passband ripple is
±0.1dB up to 0.9fCUTOFF.
The gain at fCUTOFF is – 0.7dB. The transition band of the
LTC1069-6 features progressive attenuation reaching 42dB
at 1.3fCUTOFF and 70dB at 2.1fCUTOFF. The maximum
stopband attenuation is 72dB.
The LTC1069-6 can be clock tuned for cutoff frequencies
up to 20kHz (single 5V supply) and for cutoff frequencies
up to 14kHz (single 3V supply).
The low power feature of the LTC1069-6 does not penalize
the device’s dynamic range. With single 5V supply and an
input range of 0.4VRMS to 1.4VRMS, the Signal-to-(Noise
+ THD) ratio is
≥70dB. The wideband noise of the
LTC1069-6 is 125
µVRMS.
Other filter responses with higher speed can be obtained.
Please contact LTC Marketing for details.
The LTC1069-6 is available in an 8-pin SO package.
s
8th Order Elliptic Filter in SO-8 Package
s
Single 3V Operation: Supply Current: 1mA (Typ)
fCUTOFF: 14kHz (Max)
S/N Ratio: 72dB
s
Single 5V Operation: Supply Current: 1.2mA (Typ)
fCUTOFF: 20kHz (Max)
S/N Ratio: 79dB
s
±0.1dB Passband Ripple Up to 0.9fCUTOFF (Typ)
s
42dB Attenuation at 1.3fCUTOFF
s
66dB Attenuation at 2.0fCUTOFF
s
70dB Attenuation at 2.1fCUTOFF
s
Wide Dynamic Range, 75dB or More (S/N + THD),
Under Single 5V Operation
s
Wideband Noise: 120
µVRMS
s
Clock-to-fCUTOFF Ratio: 50:1
s
Internal Sample Rate: 100:1
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Handheld Instruments
s
Telecommunication Filters
s
Antialiasing Filters
s
Smoothing Filters
s
Audio
s
Multimedia
APPLICATIONS
TYPICAL APPLICATION
Frequency Response
FREQUENCY (kHz)
5
–80
–70
–50
–40
–30
15
10
1069-6 TA02
–60
10
20
25
–20
–10
0
VIN = 500mVRMS
Single 3V Supply 10kHz Elliptic Lowpass Filter
AGND
V+
NC
VIN
VOUT
V–
NC
CLK
LTC1069-6
fCLK = 500kHz
3V
0.47
µF
0.1
µF
1069-6 TA01


Similar Part No. - LTC1069-6C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1069-6CS8#PBF AD-LTC1069-6CS8#PBF Datasheet
700Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
Rev. B
LTC1069-6CS8#TRPBF AD-LTC1069-6CS8#TRPBF Datasheet
700Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
Rev. B
More results

Similar Description - LTC1069-6C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
logo
KR Electronics, Inc.
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
2987 KR-2987 Datasheet
48Kb / 3P
Elliptic Lowpass
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-6 LINER-LTC1069-6_15 Datasheet
174Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com