Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1069-6C
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6C Datasheet(HTML) 4 Page - Linear Technology

  LTC1069-6C Datasheet HTML 1Page - Linear Technology LTC1069-6C Datasheet HTML 2Page - Linear Technology LTC1069-6C Datasheet HTML 3Page - Linear Technology LTC1069-6C Datasheet HTML 4Page - Linear Technology LTC1069-6C Datasheet HTML 5Page - Linear Technology LTC1069-6C Datasheet HTML 6Page - Linear Technology LTC1069-6C Datasheet HTML 7Page - Linear Technology LTC1069-6C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1069-6
TYPICAL PERFORMANCE CHARACTERISTICS
Amplitude Response
vs Supply Voltage
Passband Gain vs Clock Frequency
FREQUENCY (kHz)
1
1
2
17 19
1069-6 G05
0
–1
–2
5
9
13 15
3
7
11
21
VS = SINGLE 5V
VIN = 1VRMS
fCLK
500kHz
fCUTOFF
10kHz
fCLK
750kHz
fCUTOFF
15kHz
fCLK
1MHz
fCUTOFF
20kHz
FREQUENCY (kHz)
1
–90
–70
–50
–30
–10
10
100
1069-6 G06
10
–80
–60
–40
–20
0
fCLK = 500kHz
VIN = 0.5VRMS
SINGLE 5V
SINGLE 3V
Transient Response
FREQUENCY (kHz)
0
– 630
–90
0
90
4
8
10
1069-6 G07
– 810
– 270
– 450
–720
–180
– 900
– 360
– 540
2
6
12
14
VS = SINGLE 5V
fCLK = 500kHz
fCUTOFF = 10kHz
Phase vs Frequency
Passband Gain vs Clock Frequency
FREQUENCY (kHz)
1
1
2
17 19
1069-6 G04
0
–1
–2
5
9
13 15
3
7
11
21
VS = SINGLE 3V
VIN = 0.5VRMS
fCLK = 500kHz
fCUTOFF = 10kHz
fCLK = 750kHz
fCUTOFF = 15kHz
1069-6 G09
VS = SINGLE 5V
0.1ms/DIV
fCLK = 1MHz
fIN = 1kHz
2VP-P SQUAREWAVE
Group Delay vs Frequency
FREQUENCY (kHz)
0
6
10
1069-6 G08
24
8
4.00E-04
3.50E-04
3.00E-04
2.50E-04
2.00E-04
1.50E-04
1.00E-04
5.00E-05
0.00E+00
12
VS = SINGLE 5V
fCLK = 500kHz
fCUTOFF = 10kHz
THD + Noise vs Frequency
FREQUENCY (kHz)
15
10
1069-6 G11
–90
–80
–70
–60
–50
–85
–75
–65
–55
–45
–40
fCLK = 500kHz
fCUTOFF = 10kHz
VS = SINGLE 3V
VIN = 0.5VRMS
VS = SINGLE 5V
VIN = 1VRMS
Dynamic Range THD + Noise
vs Input Voltage
INPUT VOLTAGE (VRMS)
0.1
0.5 0.76
1.43
–90
–80
–70
–60
–50
15
1069-6 G10
–85
–75
–65
–55
–45
–40
fCLK = 500kHz
fIN = 1kHz
VS = SINGLE 3V
VS =
SINGLE 5V
INPUT/OUTPUT VOLTAGE (VP-P)
0.1
–90
–80
–70
–60
–50
13
1069-6 G14
–85
–75
–65
–55
–45
–40
fCLK = 170kHz
fCUTOFF = 3.4kHz
fIN = 1kHz
VIN = 2.945VP-P
Dynamic Range THD + Noise
vs Input/Output Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com