Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6I Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1069-6I
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6I Datasheet(HTML) 5 Page - Linear Technology

  LTC1069-6I Datasheet HTML 1Page - Linear Technology LTC1069-6I Datasheet HTML 2Page - Linear Technology LTC1069-6I Datasheet HTML 3Page - Linear Technology LTC1069-6I Datasheet HTML 4Page - Linear Technology LTC1069-6I Datasheet HTML 5Page - Linear Technology LTC1069-6I Datasheet HTML 6Page - Linear Technology LTC1069-6I Datasheet HTML 7Page - Linear Technology LTC1069-6I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1069-6
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing
vs Temperature
AMBIENT TEMPERATURE (
°C)
– 40
–20
0
20406080
0
20
40
60
80
4.5
2.5
4.0
2.0
1069-6 G13
RL = 10k
VS = SINGLE 5V
VS = SINGLE 3V
VS = SINGLE 3V
VS = SINGLE 5V
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
0
2
5
4
8
10
1069-6 G12
1
4
3
26
12
14
16
85
°C
–40
°C
25
°C
AGND (Pin 1): Analog Ground. The quality of the analog
signal ground can affect the filter performance. For either
single or dual supply operation, an analog ground plane
surrounding the package is recommended. The analog
ground plane should be connected to any digital ground at
a single point. For single supply operation, Pin 1 should be
bypassed to the analog ground plane with a 0.47
µFcapaci-
tor or larger. An internal resistive divider biases Pin 1 to
0.4366 times the total power supply of the device (Figure
1). That is, with a single 5V supply, the potential at Pin 1
is 2.183V
±1%. As the LTC1069-6 is optimized for single
supply operation, the internal biasing of Pin 1 allows
optimum output swing. The AGND pin should be buffered
if used to bias other ICs. Figure 2 shows the connections
for single supply operation.
PIN FUNCTIONS
Figure 1. Internal Biasing of the Analog Ground (Pin 1)
V+
NC
VIN
VOUT
V –
1
2
3
4
8
7
6
5
NC
CLK
LTC1069-6
1069-6 F01
AGND
11.325k 8.775k
V +, V – (Pins 2, 7): Power Supply Pins. The V + (Pin 2) and
the V – (Pin 7, if used) should be bypassed with a 0.1
µF
capacitor to an adequate analog ground. The filter’s power
supplies should be isolated from other digital or high
voltage analog supplies. A low noise linear supply is
recommended. Switching power supplies will lower the
signal-to-noise ratio of the filter. Unlike previous mono-
lithic filters, the power supplies can be applied in any
order, that is, the positive supply can be applied before the
negative supply and vice versa. Figure 3 shows the con-
nection for dual supply operation.
AGND
V+
V+
NC
VIN
VIN
VOUT
VOUT
V–
1
2
3
4
8
7
6
5
1k
NC
CLK
LTC1069-6
ANALOG GROUND PLANE
DIGITAL
GROUND
PLANE
0.47
µF
0.1
µF
1069-6 F02
CLOCK
SOURCE
STAR
SYSTEM
GROUND
Figure 2. Connections for Single Supply Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com