Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6I Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1069-6I
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-6I Datasheet(HTML) 6 Page - Linear Technology

  LTC1069-6I Datasheet HTML 1Page - Linear Technology LTC1069-6I Datasheet HTML 2Page - Linear Technology LTC1069-6I Datasheet HTML 3Page - Linear Technology LTC1069-6I Datasheet HTML 4Page - Linear Technology LTC1069-6I Datasheet HTML 5Page - Linear Technology LTC1069-6I Datasheet HTML 6Page - Linear Technology LTC1069-6I Datasheet HTML 7Page - Linear Technology LTC1069-6I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1069-6
APPLICATIONS INFORMATION
PIN FUNCTIONS
only. Table 1 shows the clock’s low and high level thresh-
old value for a dual or single supply operation. A pulse
generator can be used as a clock source provided the high
level ON time is greater than 0.42
µs (VS = ±5V). Sine
waves less than 100kHz are not recommended for clock
frequencies because, excessive slow clock rise or fall
times generate internal clock jitter. The maximum clock
rise or fall time is 1
µs. The clock signal should be routed
from the right side of the IC package to avoid coupling into
any input or output analog signal path. A 1k resistor
between the clock source and the Clock Input (Pin 5) will
slow down the rise and fall times of the clock to further
reduce charge coupling (Figure 1).
Table 1. Clock Source High and Low Thresholds
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±5V
1.5V
0.5V
Single Supply = 10V
6.5V
5.5V
Single Supply = 5V
1.5V
0.5V
Single Supply = 3.3V
1.2V
0.5V
VOUT (Pin 8): Filter Output Pin. Pin 8 is the output of the
filter, and it can source 8mA or sink 1mA. The total
harmonic distortion of the filter will degrade when driving
coaxial cables or loads less than 20k without an output
buffer.
AGND
V+
V+
NC
VIN
VIN
VOUT
VOUT
V–
V–
1
2
3
4
8
7
6
5
1k
NC
CLK
LTC1069-6
ANALOG GROUND PLANE
DIGITAL
GROUND
PLANE
STAR
SYSTEM
GROUND
0.1
µF
0.1
µF
1069-6 F03
CLOCK
SOURCE
Figure 3. Connections for Dual Supply Operation
NC (Pins 3, 6): No Connection. Pins 3 and 6 are not
connected to any internal circuitry; they should be tied to
ground.
VIN (Pin 4): Filter Input Pin. The Filter Input pin is internally
connected to the inverting input of an op amp through a
50k resistor.
CLK (Pin 5): Clock Input Pin. Any TTL or CMOS clock
source with a square wave output and 50% duty cycle
(
±10%) is an adequate clock source for the device. The
power supply for the clock source should not necessarily
be the filter’s power supply. The analog ground of the filter
should be connected to the clock’s ground at a single point
Temperature Behavior
The power supply current of the LTC1069-6 has a positive
temperature coefficient. The GBW product of its internal
op amps is nearly constant and the speed of the device
does not degrade at high temperatures. Figures 4a, 4b and
4c show the behavior of the passband of the device for
various supplies and temperatures. The filter has a pass-
band behavior which is temperature independent.
Figure 4a
FREQUENCY (kHz)
1
1
2
17
1069-6 F04a
0
–1
–2
5
9
13
319
7
11
15
21
VS = SINGLE 3V
VIN = 0.5VRMS
fCLK = 500kHz
fCUTOFF = 10kHz
85
°C
–40
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com