Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1064CS
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1064CS Datasheet HTML 8Page - Linear Technology LTC1064CS Datasheet HTML 9Page - Linear Technology LTC1064CS Datasheet HTML 10Page - Linear Technology LTC1064CS Datasheet HTML 11Page - Linear Technology LTC1064CS Datasheet HTML 12Page - Linear Technology LTC1064CS Datasheet HTML 13Page - Linear Technology LTC1064CS Datasheet HTML 14Page - Linear Technology LTC1064CS Datasheet HTML 15Page - Linear Technology LTC1064CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1064
TYPICAL APPLICATIONS
8th Order Bandpass Filter with 2 Stopband Notches
Amplitude Response
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
R23
R33
R43
R13
R14
R12
R44
R34
R24
R11
VIN
5V
0.1
µF
–5V
VOUT
1064 TA09
R41
R31
R21
0.1
µF
RESISTOR VALUES:
R11 = 88.7k
R21 = 10k
R31 = 35.7k
R41 = 88.7k
R12 = 10k
R22 = 44.8k
R32 = 33.2k
R42 = 24.9k
R13 = 15.8k
R23 = 48.9k
R33 = 63.5k
R43 = 25.5k
R14 = 15.8k
R24 = 44.8k
R34 = 16.5k
R44 = 24.9k
fCLK =
3.5795MHz
16
C-Message Filter
INPUT FREQUENCY (kHz)
0
2
4
5
1064 TA10
13
10
0
–10
–20
–30
–40
–50
–60
–70
VS = ±5V
Amplitude Response
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
RH3
R11
VIN
TO V+
5V TO 8V
1.28MHz
–5V TO –8V
VOUT
1064 TA07
R12
R41
R31
R21
0.1
µF
R23
R33
R43
RH2
R44
R34
R24
RL2
RESISTOR VALUES:
R11 = 46.95k R21 = 10k
R31 = 38.25k R41 = 11.81k
R12 = 93.93k R22 = 10k
R32 = 81.5k
R42 = 14.72k R
L2 = 27.46k
R H2 = 6.9k
R23 = 16.3k
R33 = 70.3k
R43 = 10k
R
L3 = 17.9k
R H3 = 69.7k
R24 = 13.19k R34 = 39.42k R44 = 10.5k
0.1
µF
RL3
NOTE1: THE V+, V– PINS SHOULD BE BYPASSED WITH A 0.1
µF TO 0.22µF
CERAMIC CAPACITOR, RIGHT AT THE PINS.
NOTE 2: THE RATIOS OF ALL (R2/R4) RESISTORS SHOULD BE MATCHED
TO BETTER THAN 0.25%. THE REMAINING RESISTORS SHOULD BE
BETTER THAN 0.5% ACCURATE.
INPUT FREQUENCY (kHz)
15
10
0
–10
–20
–30
–40
–50
–60
–70
10
20
40
100
1064 TA08
VS = ±5V
fCLK = 1.28MHz
PIN 17 AT V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com