Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1064CS
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1064CS Datasheet HTML 8Page - Linear Technology LTC1064CS Datasheet HTML 9Page - Linear Technology LTC1064CS Datasheet HTML 10Page - Linear Technology LTC1064CS Datasheet HTML 11Page - Linear Technology LTC1064CS Datasheet HTML 12Page - Linear Technology LTC1064CS Datasheet HTML 13Page - Linear Technology LTC1064CS Datasheet HTML 14Page - Linear Technology LTC1064CS Datasheet HTML 15Page - Linear Technology LTC1064CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1064
TYPICAL APPLICATIONS
Dual 5th Order Chebyshev Lowpass Filter with
50kHz and 100kHz Cutoff Frequencies
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R23
R33
R43
R24
R34
R44
R14
R42
R32
R22
8V
0.1
µF
C2
1000pF
2pF
C1
1000pF
22pF
39pF
4pF
–8V
VOUT2
fC = 100kHz
VOUT1
fC = 50kHz
VIN2
VIN1
1064 TA19
R41
R31
R21
RESISTOR VALUES:
R11a = 4.32k R21 = 11.8k
R31 = 29.4k R41 = 10k
R11b = 27.4k R22 = 20k
R32 = 21.5k R42 = 31.6k
R12 = 10.5k
R23 = 11.8k
R33 = 29.4k R43 = 10k
R13a = 3k
R24 = 20k
R34 = 21.6k R44 = 31.6k
R13b = 29.4k
R14 = 10.5k
5MHz
T2L
R12
R13b
R13a
R11b
R11a
0.1
µF
INPUT FREQUENCY (Hz)
10k
50k
15
0
– 15
–30
–45
–60
–75
–90
–105
100k
1M
1064 TA20
PASSBAND RIPPLE = 0.2dB
Amplitude Response
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENT
LTC1061
Triple Universal Filter Building Block
Three Filter Building Blocks in a 20-Pin Package
LTC1164
Low Power, Quad Universal Filter Building Block
Low Noise, Low Power Pin-for-Pin LTC1064 Compatible
LTC1264
High Speed, Quad Universal Building Block
Up to 250kHz Center Frequency
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
R23
R33
R14
R13
R44
R34
R24
8V
0.1
µF
C3
C1
–8V
fCLK ≤ 5MHz
VOUT
VIN1
1064 TA21
R12
R31
R21
RESISTOR VALUES:
R11 = 50k
R21 = 5k
R31 = 50k
R
G = 68.1k
R12 = 15.4k
R22 = 10k
R32 = 88.7k
R42 = 48.7k
R
L4 = 10k (0.1%)
R13 = 10k
R23 = 10k
R33 = 100k
R
H4 = 10k (0.1%)
R14 = 9.09k
R24 = 10k
R34 = 63.4k
R44 = 12.4k
RL4
0.1%
0.1
µF
RG
RH4
0.1%
R11
C2
–
+
LT1056
C1 = C2 = C3 = 15pF
THE NOTCH DEPTH FROM
5kHz TO 30kHz IS 50dB
WIDEBAND NOISE = 300
µVRMS
Clock-Tunable, 30kHz to 90kHz 8th Order Notch
Filter Providing Notch Depth in Excess of 60dB
INPUT FREQUENCY (kHz)
10
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
20
30
40
50
1064 TA22
60
70
BW
VS = ±8V
fCLK = 4MHz
Amplitude Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com