Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1096LI Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1096LI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096LI Datasheet(HTML) 2 Page - Linear Technology

  LTC1096LI Datasheet HTML 1Page - Linear Technology LTC1096LI Datasheet HTML 2Page - Linear Technology LTC1096LI Datasheet HTML 3Page - Linear Technology LTC1096LI Datasheet HTML 4Page - Linear Technology LTC1096LI Datasheet HTML 5Page - Linear Technology LTC1096LI Datasheet HTML 6Page - Linear Technology LTC1096LI Datasheet HTML 7Page - Linear Technology LTC1096LI Datasheet HTML 8Page - Linear Technology LTC1096LI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1096/LTC1096L
LTC1098/LTC1098L
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature
LTC1096AC/LTC1096C/LTC1096LC/
LTC1098AC/LTC1098C/LTC1098LC ....... 0
°C to 70°C
LTC1096AI/LTC1096I/LTC1096LI/
LTC1098AI/LTC1098I/LTC1098LI ..... – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec.) ................ 300
°C
Supply Voltage (VCC) to GND................................... 12V
Voltage
Analog and Reference ................ –0.3V to VCC + 0.3V
Digital Inputs ......................................... –0.3V to 12V
Digital Outputs ........................... –0.3V to VCC + 0.3V
Power Dissipation .............................................. 500mW
Storage Temperature Range ................. – 65
°C to 150°C
(Notes 3)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1098ACN8
LTC1098ACS8
LTC1098AIN8
LTC1098AIS8
LTC1098CN8
LTC1098CS8
LTC1098IN8
LTC1098IS8
LTC1098LCS8
LTC1098LIS8
(Notes 1 and 2)
ORDER PART
NUMBER
LTC1096ACN8
LTC1096ACS8
LTC1096AIN8
LTC1096AIS8
LTC1096CN8
LTC1096CS8
LTC1096IN8
LTC1096IS8
LTC1096LCS8
LTC1096LIS8
1
2
3
4
8
7
6
5
TOP VIEW
+IN
–IN
GND
VCC
CLK
DOUT
VREF
N8 PACKAGE
8-LEAD PLASTIC DIP
CS/
SHUTDOWN
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 175°C/W (S8)
S8 PART MARKING
1096
1096A
1096L
1096LI
1096I
1096IA
1
2
3
4
8
7
6
5
TOP VIEW
CH0
CH1
GND
VCC(VREF)
CLK
DOUT
DIN
N8 PACKAGE
8-LEAD PLASTIC DIP
CS/
SHUTDOWN
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 175°C/W (S8)
1098L
1098LI
1098
1098A
1098I
1098IA
Consult factory for Military grade parts.
RECO
E DED OPERATI G CO DITIO S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
LTC1096
3.0
9
V
LTC1098
3.0
6
V
VCC = 5V Operation
fCLK
Clock Frequency
VCC = 5V
25
500
kHz
tCYC
Total Cycle Time
LTC1096, fCLK = 500kHz
29
µs
LTC1098, fCLK = 500kHz
29
µs
thDI
Hold Time, DIN After CLK
↑
VCC = 5V
150
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
VCC = 5V, LTC1096
500
ns
VCC = 5V, LTC1098
500
ns
tWAKEUP
Wake-Up Time CS
↓ Before First CLK↓ After First CLK↑
VCC = 5V, LTC1096
10
µs
(See Figure 1 LTC1096 Operating Sequence)
Wake-Up Time CS
↓ Before MSBF Bit CLK↓
VCC = 5V, LTC1098
10
µs
(See Figure 2 LTC1098 Operating Sequence)
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 5V
400
ns
tWHCLK
CLK High Time
VCC = 5V
0.8
µs
S8 PART MARKING
LTC1096/LTC1098



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com