Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1096LI Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1096LI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096LI Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1096LI Datasheet HTML 18Page - Linear Technology LTC1096LI Datasheet HTML 19Page - Linear Technology LTC1096LI Datasheet HTML 20Page - Linear Technology LTC1096LI Datasheet HTML 21Page - Linear Technology LTC1096LI Datasheet HTML 22Page - Linear Technology LTC1096LI Datasheet HTML 23Page - Linear Technology LTC1096LI Datasheet HTML 24Page - Linear Technology LTC1096LI Datasheet HTML 25Page - Linear Technology LTC1096LI Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1096/LTC1096L
LTC1098/LTC1098L
S
APPLICATI
I FOR ATIO
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an A/D and is directly related to the
S/(N + D) by the equation:
ENOB = [S/(N + D) –1.76]/6.02
where S/(N + D) is expressed in dB. At the maximum
sampling rate of 33kHz the LTC1096 maintains 7.5 ENOBs
or better to 40kHz. Above 40kHz the ENOBs gradually
decline, as shown in Figure 12, due to increasing second
harmonic distortion. The noise floor remains approxi-
mately 70dB.
Figure 12. Dynamic Accuracy Is Maintained Up to an Input
Frequency of 40kHz
INPUT FREQUENCY (kHz)
0
3
4
5
LTC1096/8 • F12
2
1
0
20
40
6
7
8
fSAMPLE = 31.25kHz
S
APPLICATI
TYPICAL
MICROPROCESSOR INTERFACES
The LTC1096(L)/LTC1098(L) can interface directly (with-
out external hardware to most popular microprocessor
(MPU) synchronous serial formats (see Table 1). If an
MPU without a dedicated serial port is used, then three or
four of the MPU’s parallel port lines can be programmed
to form the serial link to the LTC1096(L)/LTC1098(L).
Included here is one serial interface example and one
example showing a parallel port programmed to form the
serial interface.
Motorola SPI (MC68HC05C4,CM68HC11)
The MC68HC05C4 has been chosen as an example of
an MPU with a dedicated serial port. This MPU transfer
data MSB-first and in 8-bit increments. With two 8-bit
transfers, the A/D result is read into the MPU. The first
8-bit transfer sends the DIN word to the LTC1098(L)
and clocks into the processor. The second 8-bit trans-
fer clocks the A/D conversion result, B7 through B0,
into the MPU.
ANDing the first MUP received byte with 00Hex clears the
first byte. Notice how the position of the start bit in the first
MPU transmit word is used to position the A/D result
right-justified in two memory locations.
Table 1. Microprocessor with Hardware Serial Interfaces
Compatible with the LTC1096(L)/LTC1098(L)
*Requires external hardware
MICROWIRE and MICROWIRE/PLUS are trademarks of
National Semiconductor Corp.
PART NUMBER
TYPE OF INTERFACE
Motorola
MC6805S2,S3
SPI
MC68HC11
SPI
MC68HC05
SPI
RCA
CDP68HC05
SPI
Hitachi
HD6305
SCI Synchronous
HD63705
SCI Synchronous
HD6301
SCI Synchronous
HD63701
SCI Synchronous
HD6303
SCI Synchronous
HD64180
CSI/O
National Semiconductor
COP400 Family
MICROWIRE
TM
COP800 Family
MICROWIRE/PLUS
TM
NS8050U
MICROWIRE/PLUS
HPC16000 Family
MICROWIR/PLUS
Texas Instruments
TMS7002
Serial Port
TMS7042
Serial Port
TMS70C02
Serial Port
TMS70C42
Serial Port
TMS32011*
Serial Port
TMS32020
Serial Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com