Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1152C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1152C
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1152C Datasheet(HTML) 1 Page - Linear Technology

  LTC1152C Datasheet HTML 1Page - Linear Technology LTC1152C Datasheet HTML 2Page - Linear Technology LTC1152C Datasheet HTML 3Page - Linear Technology LTC1152C Datasheet HTML 4Page - Linear Technology LTC1152C Datasheet HTML 5Page - Linear Technology LTC1152C Datasheet HTML 6Page - Linear Technology LTC1152C Datasheet HTML 7Page - Linear Technology LTC1152C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1152
Rail-to-Rail Input
Rail-to-Rail Output
Zero-Drift Op Amp
S
FEATURE
s
Input Common-Mode Range Includes Both Rails
s
Output Swings Rail to Rail
s
Output Will Drive 1k
Load
s
No External Components Required
s
Input Offset Voltage: 10
µV Max
s
Input Offset Drift: 100nV/
°C Max
s
Minimum CMRR: 115dB
s
Supply Current: 3.0mA Max
s
Shutdown Pin Drops Supply Current to 5
µA Max
s
Output Configurable to Drive Any Capacitive Load
s
Operates from 2.7V to 14V Total Supply Voltage
S
APPLICATI
s
Rail-to-Rail Amplifiers and Buffers
s
High Resolution Data Acquisition Systems
s
Supply Current Sensing in Either Rail
s
Low Supply Voltage Transducer Amplifiers
s
High Accuracy Instrumentation
s
Single Negative Supply Operation
DESCRIPTIO
The LTC
®1152 is a high performance, low power zero-drift
op amp featuring an input stage that common modes to
both power supply rails and an output stage that provides
rail-to-rail swing, even into heavy loads. The wide input
common-mode range is achieved with a high frequency
on-board charge pump. This technique eliminates the
crossover distortion and limited CMRR imposed by com-
peting technologies. The LTC1152 is a C-Load
TM of amp,
enabling it to drive any capacitive load.
The LTC1152 shares the excellent DC performance specs
of LTC’s other zero-drift amplifiers. Typical offset voltage
is 1
µV and typical offset drift is 10nV/°C. CMRR and PSRR
are 130dB and 120dB and open-loop gain is 130dB. Input
noise voltage is 2
µVP-P from 0.1Hz to 10Hz. Gain-band-
width product is 0.7MHz and slew rate is 0.5V/
µs, all with
supply current of 3.0mA max over temperature. The
LTC1152 also includes a shutdown feature which drops
supply current to 1
µA and puts the output stage in a high
impedance state.
The LTC1152 is available in 8-pin PDIP and 8-pin SO
packages and uses the standard op amp pinout, allowing
it to be a plug-in replacement for many standard op amps.
5V
0V
1152 TA02
Input and Output Waveforms
Rail-to-Rail Buffer
VOUT
2V/DIV
0V
5V
VIN
2V/DIV
APPLICATI
TYPICAL
, LTC and LT are registered trademarks of Linear Technology Corporation.
C-Load is trademark of Linear Technology Corporation.
OUT
7
6
4
3
2
LTC1152
5V
IN
1152 TA01


Similar Part No. - LTC1152C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1152 AD-LTC1152 Datasheet
1Mb / 16P
Zero-Drift Operational Amplifiers in SOT-23
Rev. F
More results

Similar Description - LTC1152C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1_16 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com