Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1152C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1152C
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1152C Datasheet(HTML) 4 Page - Linear Technology

  LTC1152C Datasheet HTML 1Page - Linear Technology LTC1152C Datasheet HTML 2Page - Linear Technology LTC1152C Datasheet HTML 3Page - Linear Technology LTC1152C Datasheet HTML 4Page - Linear Technology LTC1152C Datasheet HTML 5Page - Linear Technology LTC1152C Datasheet HTML 6Page - Linear Technology LTC1152C Datasheet HTML 7Page - Linear Technology LTC1152C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1152
TYPICAL PERFORMANCE CHARACTERISTICS
POWER SUPPLY VOLTAGE (
±V)
12
35
4
6
7
1152 G01
8
6
4
2
0
–2
–4
–6
–8
Common-Mode Range vs
Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
02
3.0
2.5
2.0
1.5
1.0
4
68
10
1152 G02
12
14
TA = 25°C
Supply Current vs Supply Voltage
TEMPERATURE (
°C)
–50
–25
2.0
1.9
1.8
1.7
1.6
1.5
1.4
025
50
1152 G03
75
100
VS = 5V
Output Swing vs Load Resistance
LOAD RESISTANCE (k
Ω)
0.2
1
5
10
200
1152 G04
0.5
2
20
50 100
6
5
4
3
2
1
0
TA = 25°C
VS = SINGLE 5V
VS = SINGLE 3V
VS = ±2.5V
VS = ±1.5V
TOTAL SUPPLY VOLTAGE (V)
2
40
30
20
10
0
46
8
10
1152 G05
12
14
SOURCE
SINK
TA = 25°C
Output Short-Circuit Current vs
Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
2
300
250
200
150
100
46
8
10
1152 G06
12
14
TA = 25°C
Open-Loop Output Resistance vs
Supply Voltage
Charge Pump Voltage vs
Supply Voltage
Charge Pump Voltage vs
Load Current
Input Bias Current vs Temperature
TEMPERATURE (
°C)
–50
1000
100
10
25
–25
0
50
75
100
1152 G09
VS = 5V
Supply Current vs Temperature
TOTAL SUPPLY VOLTAGE (V)
2
3
2
1
0
4
68
10
1152 G07
12
14
TA = 25°C
LOAD CURRENT (
µA)
0
40
60
100
20
80
120 140
160
1152 G08
3
2
1
0
TA = 25°C
VS = 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com