Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1152CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1152CS8
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1152CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1152CS8 Datasheet HTML 1Page - Linear Technology LTC1152CS8 Datasheet HTML 2Page - Linear Technology LTC1152CS8 Datasheet HTML 3Page - Linear Technology LTC1152CS8 Datasheet HTML 4Page - Linear Technology LTC1152CS8 Datasheet HTML 5Page - Linear Technology LTC1152CS8 Datasheet HTML 6Page - Linear Technology LTC1152CS8 Datasheet HTML 7Page - Linear Technology LTC1152CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1152
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1152CN8
LTC1152CS8
LTC1152IN8
LTC1152IS8
VS = 5V, TA = operating temperature range, unless otherwise specified.
Consult factory for Military grade parts.
1152
1152I
S8 PART MARKING
Total Supply Voltage (V + to V ) ............................. 14V
Input Voltage ............................ V + + 0.3V to V – 0.3V
Output Short-Circuit Duration (Pin 6) ............. Indefinite
Operating Temperature Range
LTC1152C............................................... 0
°C to 70°C
LTC1152I .......................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C (Note 1)
±1
±10
µV
∆VOS
Average Input Offset Drift
(Note 1)
q
±10
±100
nV/
°C
Long-Term Offset Drift
±50
nV/
√Mo
IB
Input Bias Current
TA = 25°C (Note 2)
±10
±100
pA
q
±1000
pA
IOS
Input Offset Current
TA = 25°C (Note 2)
±20
±200
pA
q
±500
pA
en
Input Noise Voltage (Note 3)
RS = 100Ω, 0.1Hz to 10Hz
2
3
µVP-P
RS = 100Ω, 0.1Hz to 1Hz
0.5
1
µVP-P
in
Input Noise Current
f = 10Hz
0.6
fA/
√Hz
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
q
115
130
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V
110
120
dB
q
105
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VOUT = 0.5V to 4.5V
q
110
130
dB
VOUT
Maximum Output Voltage Swing (Note 4)
RL = 1k, VS = Single 5V
q
4.0
4.4
V
RL = 1k, VS = ±2.5V
q
±2.0
2.2
V
RL = 100k, VS = ±2.5V
±2.49
V
SR
Slew Rate
RL = 10k, CL = 50pF, VS = ±2.5V
0.5
V/
µs
GBW
Gain-Bandwidth Product
RL = 10k, CL = 50pF, VS = ±2.5V
0.7
MHz
IS
Supply Current
No Load
q
2.2
3.0
mA
Shutdown = 0V
q
15
µA
IOSD
Output Leakage Current
Shutdown = 0V
q
±10
±100
nA
VCP
Charge Pump Output Voltage
ICP = 0
7.3
V
VIL
Shutdown Pin Input Low Voltage
2.5
V
VIH
Shutdown Pin Input High Voltage
4
V
IIN
Shutdown Pin Input Current
VSHDN = 0V
q
–1
–5
µA
fCP
Internal Charge Pump Frequency
TA = 25°C
4.7
MHz
fSMPL
Internal Sampling Frequency
TA = 25°C
2.3
kHz
TJMAX = 110°C, θJA = 130°C/ W (N8)
TJMAX = 110°C, θJA = 200°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
–IN
+IN
V
CP
V+
OUT
COMP
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com