Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1152CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1152CS8
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1152CS8 Datasheet(HTML) 7 Page - Linear Technology

  LTC1152CS8 Datasheet HTML 1Page - Linear Technology LTC1152CS8 Datasheet HTML 2Page - Linear Technology LTC1152CS8 Datasheet HTML 3Page - Linear Technology LTC1152CS8 Datasheet HTML 4Page - Linear Technology LTC1152CS8 Datasheet HTML 5Page - Linear Technology LTC1152CS8 Datasheet HTML 6Page - Linear Technology LTC1152CS8 Datasheet HTML 7Page - Linear Technology LTC1152CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1152
Compensation/Bandwidth Limiting
The LTC1152 is unity-gain stable with capacitive loads up
to 1000pF. Larger capacitive loads can be driven by
externally compensating the LTC1152. Adding 1000pF
between COMP (pin 5) and OUT (pin 6) allows capacitive
loading of up to 1
µF; 0.1µF between pins 5 and 6 allows the
LTC1152 to drive infinite capacitive load (Figure 3).
1
2
3
4
8
7
6
5
CC
OUTPUT
*OPTIONAL DIODES TO PREVENT
LATCH-UP WITH CC > 1µF
1N4148*
1152 F03
1N4148*
LTC1152
V –
V+
Figure 3. Output Compensation Connection
Large compensation capacitors can also be used to limit
the bandwidth of the LTC1152. With 0.1
µF from pin 5 to
pin 6, the LTC1152’s gain-bandwidth product is reduced
from 700kHz to around 200Hz. Note that compensation
capacitors greater than 1
µF can cause latch-up under
severe output fault conditions; this can be prevented by
clamping pin 5 to each supply with standard signal diodes,
as shown in Figure 3.
Shutdown
The LTC1152 includes a shutdown pin (pin 1). When this
pin is at V +, the LTC1152 operates normally. An internal
1
µA pull-up keeps the pin high if it is left floating. When pin
1 is pulled low, the part enters shutdown mode; supply
current drops to 1
µA, all internal clocking stops and the
output enters a high impedance state. During shutdown
the voltage at the CP pin (pin 8) will drop to 0.5V below V +.
When pin 1 is brought high again, about 10
µs will elapse
before the charge pump regains full voltage. During this
time the LTC1152 will operate normally, but the input CMR
may not include V+. Pin 1 is compatible with CMOS logic
running from the same supply as the LTC1152. Addition-
ally, the input trip levels allow ground referenced CMOS
logic signals to interface directly to pin 1 when the LTC1152
is running from
±5V or ±3V supplies. The internal 1µA
pull-up also allows pin 1 to interface with open-collector/
open-drain devices or discrete transistors.
The high impedance output in shutdown allows several
LTC1152s to be connected together as a MUX, with their
outputs tied in parallel and the active channel selected by
using the shutdown pins. Deselected (shutdown) chan-
nels will go to high impedance at the outputs, preventing
them from fighting with the active channel. This works
best when the individual LTC1152s are connected in
noninverting feedback configurations to prevent the feed-
back resistors from passing signals through deselected
channels. See the Typical Applications section for a circuit
example.
Zero-Drift Operation
The LTC1152 is a zero-drift op amp. Like other LTC zero-
drift op amps, it features virtually error-free DC perfor-
mance, very little drift over time and temperature, and very
low noise at low frequencies. The internal nulling clock
runs at about 2.3kHz (the charge pump frequency of
4.7MHz divided by 2048) and is synchronized to the
internal charge pump to prevent beat frequencies from
appearing at the output. The self-nulling circuit constantly
corrects the input offset voltage, keeping it typically below
±1µV over the entire input common-mode range. This has
the added benefit of providing exceptional CMRR and
PSRR at low frequencies––far better than competing rail-
to-rail op amps.
Because it uses a sampling front end, the LTC1152 will
exhibit aliasing behavior and clock noise at frequencies
near the internal 2.3kHz sampling frequency. The LTC1152
includes an internal anti-aliasing circuit to keep these error
terms to a minimum. As a rule, alias frequencies will be
down by (80dB – ACLG) in most standard amplifier con-
figurations, where ACLG is the closed-loop gain of the
LTC1152 circuit. Clock noise is also dependent on closed-
loop gain; it will generally consist of spikes of about 100
µV
in amplitude, input referred. In general, these error terms
are too small to affect most applications. For a more
detailed explanation of zero-drift amplifier behavior, see
the LTC1051/LTC1053 data sheet.
S
APPLICATI
I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com