Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1154CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1154CS8
Description  High-Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1154CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1154CS8 Datasheet HTML 1Page - Linear Technology LTC1154CS8 Datasheet HTML 2Page - Linear Technology LTC1154CS8 Datasheet HTML 3Page - Linear Technology LTC1154CS8 Datasheet HTML 4Page - Linear Technology LTC1154CS8 Datasheet HTML 5Page - Linear Technology LTC1154CS8 Datasheet HTML 6Page - Linear Technology LTC1154CS8 Datasheet HTML 7Page - Linear Technology LTC1154CS8 Datasheet HTML 8Page - Linear Technology LTC1154CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1154
DESCRIPTIO
S
FEATURE
High-Side Micropower
MOSFET Driver
s
Fully Enhances N-Channel Power MOSFETs
s
8
µA IQ Standby Current
s
85
µA IQ ON Current
s
No External Charge Pump Capacitors
s
4.5V to 18V Supply Range
s
Short-Circuit Protection
s
Thermal Shutdown via PTC Thermistor
s
Status Output Indicates Shutdown
s
Available in 8-Pin SOIC
The LTC1154 single high-side gate driver allows using low
cost N-channel FETs for high-side switching applications.
An internal charge pump boosts the gate drive voltage
above the positive rail, fully enhancing an N-channel MOS
switch with no external components. Micropower opera-
tion, with 8
µA standby current and 85µA operating cur-
rent, allows use in virtually all systems with maximum
efficiency.
Included on chip is programmable over-current sensing.
A time delay can be added to prevent false triggering on
high in-rush current loads. An active high shutdown input
is also provided and interfaces directly to a standard PTC
thermistor for thermal shutdown. An open-drain output is
provided to report switch status to the
µP. An active low
enable input is provided to control multiple switches in
banks.
The LTC1154 is available in both 8-pin DIP and 8-pin SOIC
packages.
APPLICATI
TYPICAL
S
APPLICATI
s
Laptop Computer Power Switching
s
SCSI Termination Power Switching
s
Cellular Telephone Power Management
s
Battery Charging and Management
s
High-Side Industrial and Automotive Switching
s
Stepper Motor and DC Motor Control
Standby Supply Current
Ultra-Low Voltage Drop High-Side Switch
with Short-Circuit Protection
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1153 • TA02
10
40
45
30
10
20
VIN = 0V
TJ = 25°C
IRLR024
0.036
Ω*
LTC1154 • TA01
5V
LOAD
µP
5V
200k**
0.1
µF**
2.7A MAX
51k
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
ALL COMPONENTS SHOWN ARE SURFACE MOUNT.
IMS026 INTERNATIONAL MANUFACTURING SERVICE, INC. (401) 683-9700
NOT REQUIRED IF LOAD IS RESISTIVE OR INDUCTIVE.
*
**


Similar Part No. - LTC1154CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1154 LINER-LTC1154 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC1154 LINER-LTC1154 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC1154 LINER-LTC1154 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LTC1154 LINER-LTC1154 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LTC1154 LINER-LTC1154_11 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
More results

Similar Description - LTC1154CS8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
TRIPLE HIGH-SIDE MOSFET DRIVER
Apr-1998
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1154 LINER-LTC1154_11 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com