Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1154CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1154CS8
Description  High-Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1154CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1154CS8 Datasheet HTML 2Page - Linear Technology LTC1154CS8 Datasheet HTML 3Page - Linear Technology LTC1154CS8 Datasheet HTML 4Page - Linear Technology LTC1154CS8 Datasheet HTML 5Page - Linear Technology LTC1154CS8 Datasheet HTML 6Page - Linear Technology LTC1154CS8 Datasheet HTML 7Page - Linear Technology LTC1154CS8 Datasheet HTML 8Page - Linear Technology LTC1154CS8 Datasheet HTML 9Page - Linear Technology LTC1154CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1154
PI FU CTIO S
Drain Sense Pin
The drain sense pin is compared against the supply pin
voltage. If the voltage at this pin is more than 100mV below
the supply pin, the input latch will be reset and the MOSFET
gate will be quickly discharged. Cycle the input, or ENABLE
input, to reset the short-circuit latch and turn the MOSFET
back on.
This pin is also a high impedance CMOS gate with ESD
protection and therefore should not be forced beyond the
power supply rails. To defeat the over current protection,
short the drain sense to supply.
Some loads, such as large supply capacitors, lamps, or
motors require high in-rush currents. An RC time delay
can be added between the sense resistor and the drain
sense pin to ensure that the drain sense circuitry does not
false-trigger during start-up. This time constant can be set
from a few microseconds to many seconds. However, very
long delays may put the MOSFET in risk of being destroyed
by a short-circuit condition. (see Applications Information
Section).
Status Pin
The status pin is an open-drain output which is driven low
whenever a fault condition is detected. A 51k pull-up
resistor should be connected between this output and a
logic supply. The status pins of multiple LTC1154s can be
OR’d together if independent fault sensing is not required.
No connection is required to this pin when not in use.
I
DAGRA
BLOCK
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
SHUTDOWN
TTL-TO-CMOS
CONVERTER
OSCILLATOR
AND CHARGE
PUMP
FAST/SLOW
GATE CHARGE
LOGIC
FAULT DETECTION
AND STATUS
OUTPUT DRIVER
100mV
REFERENCE
ANALOG SECTION
INPUT
LATCH
R
S
GATE
SHUTDOWN
DRAIN
SENSE
ONE
SHOT
TTL-TO-CMOS
CONVERTER
VOLTAGE
REGULATORS
ANALOG
DIGITAL
GND
LOW STANDBY
CURRENT
REGULATOR
INPUT
STATUS
VS
10
µs
DELAY
LTC1154 • BD01
ENABLE
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com