Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3S220L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PD3S220L
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S220L Datasheet(HTML) 1 Page - Diodes Incorporated

  PD3S220L_15 Datasheet HTML 1Page - Diodes Incorporated PD3S220L_15 Datasheet HTML 2Page - Diodes Incorporated PD3S220L_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD3S220L
Document number: DS31733 Rev. 1 - 2
1 of 3
www.diodes.com
February 2009
© Diodes Incorporated
PD3S220L
PowerDI is a registered trademark of Diodes Incorporated.
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PowerDI
®323
Features
•
Guard Ring Die Construction for Transient Protection
•
High Surge Capability
•
Lead Free Finish, RoHS Compliant (Note 1)
•
"Green" Molding Compound (No Br, Sb)
•
Ultra-Small Surface Mount Package
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: PowerDI
®323
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Polarity: Cathode Band
•
Terminals: Finish - Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Average Forward Current (See also figure 4)
IF(AV)
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
33
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
6
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
170
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
144
⎯
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage
VF
⎯
⎯
⎯
⎯
⎯
0.42
⎯
0.35
0.44
0.49
0.36
0.47
V
IF = 1.0A, TA = 25ºC
IF = 2.0A, TA = 25ºC
IF = 1.0A, TA = 125ºC
IF = 2.0A, TA = 125ºC
Leakage Current (Note 4)
IR
⎯
30
11
160
30
μA
mA
VR = 20V, TA = 25°C
VR = 20V, TA = 125°C
Total Capacitance
CT
⎯
46
⎯
pF
VR = 10V, f = 1.0MHz
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Short duration pulse test to minimize self-heating effect.
Top View
Bottom View
Please click here to visit our online spice models database.


Similar Part No. - PD3S220L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S220L-7 DIODES-PD3S220L-7 Datasheet
95Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS31733 Rev. 1 - 2
PD3S220LQ DIODES-PD3S220LQ Datasheet
199Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
PD3S220LQ-7 DIODES-PD3S220LQ-7 Datasheet
199Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
PD3S220LQ DIODES-PD3S220LQ_15 Datasheet
200Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 1
More results

Similar Description - PD3S220L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S120LQ DIODES-PD3S120LQ_15 Datasheet
242Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 1
PD3S130HQ DIODES-PD3S130HQ_15 Datasheet
217Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 1
PD3S130LQ DIODES-PD3S130LQ_15 Datasheet
105Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 1
PD3S220LQ DIODES-PD3S220LQ_15 Datasheet
200Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 1
PD3S160Q DIODES-PD3S160Q_15 Datasheet
195Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰323
Rev 1
PD3S230HQ DIODES-PD3S230HQ_15 Datasheet
225Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 1
PD3S230H DIODES-PD3S230H_15 Datasheet
298Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev 3
PD3S130H DIODES-PD3S130H_15 Datasheet
146Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev erse
PD3S130L DIODES-PD3S130L_15 Datasheet
140Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev erse
PD3S120L DIODES-PD3S120L_15 Datasheet
143Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com