Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3S220L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PD3S220L
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰323
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S220L Datasheet(HTML) 3 Page - Diodes Incorporated

  PD3S220L_15 Datasheet HTML 1Page - Diodes Incorporated PD3S220L_15 Datasheet HTML 2Page - Diodes Incorporated PD3S220L_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PD3S220L
Document number: DS31733 Rev. 1 - 2
3 of 3
www.diodes.com
February 2009
© Diodes Incorporated
PD3S220L
PowerDI is a registered trademark of Diodes Incorporated.
Ordering Information (Note 5)
Part Number
Case
Packaging
PD3S220L-7
PowerDI
®323
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
Code
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
PowerDI
®323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1
⎯
⎯
1.40
L3
⎯
⎯
0.20
L4
0.40
0.80
0.60
All Dimensions in mm
Dimensions
Value (in mm)
G
0.5
X1
2.0
X2
0.8
Y1
0.8
Y2
1.1
24 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
X1
G
X2
Y2
Y1
24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com