Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3011 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3011_15 Datasheet HTML 6Page - Linear Technology LT3011_15 Datasheet HTML 7Page - Linear Technology LT3011_15 Datasheet HTML 8Page - Linear Technology LT3011_15 Datasheet HTML 9Page - Linear Technology LT3011_15 Datasheet HTML 10Page - Linear Technology LT3011_15 Datasheet HTML 11Page - Linear Technology LT3011_15 Datasheet HTML 12Page - Linear Technology LT3011_15 Datasheet HTML 13Page - Linear Technology LT3011_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3011
10
3011f
APPLICATIONS INFORMATION
in a small package, but they tend to have strong voltage
and temperature coefficients, as shown in Figures 2 and 3.
When used with a 5V regulator, a 16V 10μF Y5V capacitor
can exhibit an effective value as low as 1μF to 2μF for the
DC bias voltage applied and over the operating tempera-
ture range. The X5R and X7R dielectrics result in more
stable characteristics and are more suitable for use as the
output capacitor. The X7R type has better stability across
temperature, while the X5R is less expensive and is avail-
able in higher values. Care still must be exercised when
using X5R and X7R capacitors; the X5R and X7R codes
only specify operating temperature range and maximum
capacitance change over temperature. Capacitance change
due to DC bias with X5R and X7R capacitors is better than
Y5V and Z5U capacitors, but can still be significant enough
to drop capacitor values below appropriate levels. Capaci-
tor DC bias characteristics tend to improve as component
case size increases, but expected capacitance at operating
voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress, simi-
lar to the way piezoelectric accelerometer or microphone
works. For a ceramic capacitor, the stress can be induced
by vibrations in the system or thermal transients.
PWRGD Flag and Timing Capacitor Delay
The PWRGD flag is used to indicate that the ADJ pin volt-
age is within 10% of the regulated voltage. The PWRGD
pin is an open-collector output, capable of sinking 50μA
of current when the ADJ pin voltage is low. There is no
internal pull-up on the PWRGD pin; an external pull-up
resistor must be used. When the ADJ pin rises to within
10% of its final reference value, a delay timer is started.
At the end of this delay, programmed by the value of the
capacitor on the CT pin, the PWRGD pin switches to a high
impedance and is pulled up to a logic level by an external
pull-up resistor.
To calculate the capacitor value on the CT pin, use the
following formula:
C
It
VV
TIME
CT
DELAY
CT HIGH
CT LOW
=
()
(
)
Figure 4 shows a block diagram of the PWRGD circuit. At
start-up, the timing capacitor is discharged and the PWRGD
pin will be held low. As the output voltage increases and
the ADJ pin crosses the 90% threshold, the JK flipflop is
reset, and the 3μA current source begins to charge the
timing capacitor. Once the voltage on the CT pin reaches
the VCT(HIGH) threshold (approximately 1.7V at 25°C), the
capacitor voltage is clamped and the PWRGD pin is set to
a high impedance state.
DC BIAS VOLTAGE (V)
3011 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10 F
TEMPERATURE ( C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3011 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10 F
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com