Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3011 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Datasheet(HTML) 5 Page - Linear Technology

  LT3011_15 Datasheet HTML 1Page - Linear Technology LT3011_15 Datasheet HTML 2Page - Linear Technology LT3011_15 Datasheet HTML 3Page - Linear Technology LT3011_15 Datasheet HTML 4Page - Linear Technology LT3011_15 Datasheet HTML 5Page - Linear Technology LT3011_15 Datasheet HTML 6Page - Linear Technology LT3011_15 Datasheet HTML 7Page - Linear Technology LT3011_15 Datasheet HTML 8Page - Linear Technology LT3011_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3011
5
3011f
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
ADJ Pin Voltage
Quiescent Current
GND Pin Current
GND Pin Current vs IOUT
SHDN Pin Threshold
OUTPUT CURRENT (mA)
0
200
400
600
100
300
500
10
20
30
40
3011 G02
50
5
015
25
35
45
= TEST POINTS
TJ 125 C
TJ 25 C
TJ = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
0
1.2
1.6
2.0
8
3011 G07
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
2
14
36
7
9
510
TJ = 25°C
*FOR VOUT = 1.24V
RL = 24.8Ω
IL = 50mA*
RL = 49.6Ω
IL = 25mA*
RL = 124Ω
IL = 10mA*
RL = 1.24k, IL = 1mA*
INPUT VOLTAGE (V)
0
50
60
70
7
40
30
24
19
35
8
610
10
0
20
80
3011 G06
VSHDN = VIN
TJ = 25°C
RL =
OUTPUT CURRENT (mA)
0
250
300
350
200
150
10
20
40
30
50
50
0
100
400
3011 G01
TJ 125 C
TJ 25 C
TEMPERATURE (°C)
–50
0
100
200
–25
0
25
50
100
75
125
300
400
50
150
250
350
150
3011 G03
IL = 50mA
IL = 10mA
IL = 1mA
TEMPERATURE (°C)
–50
1.230
1.234
1.238
1.242
–25
0
25
50
100
75
125
1.246
1.250
1.232
1.236
1.240
1.244
1.248
150
3011 G05
IL = 1mA
TEMPERATURE (°C)
–50
70
25
3011 G04
40
20
–25
0
50
10
0
80
60
50
30
75
100 125 150
VSHDN = VIN
VSHDN = GND
VIN = 6V
RL = ∞
IL = 0
OUTPUT CURRENT (mA)
0
1.2
1.6
2.0
40
3011 G08
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
10
520
15
30 35
45
25
50
VIN = VOUT(NOMINAL) +1V
TJ = 25°C
TEMPERATURE (°C)
–50
1.4
25
3011 G09
0.8
0.4
–25
0
50
0.2
0
1.6
1.2
1.0
0.6
75
100 125 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com