Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1165CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1165CS8
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1165CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1165CS8 Datasheet HTML 1Page - Linear Technology LTC1165CS8 Datasheet HTML 2Page - Linear Technology LTC1165CS8 Datasheet HTML 3Page - Linear Technology LTC1165CS8 Datasheet HTML 4Page - Linear Technology LTC1165CS8 Datasheet HTML 5Page - Linear Technology LTC1165CS8 Datasheet HTML 6Page - Linear Technology LTC1165CS8 Datasheet HTML 7Page - Linear Technology LTC1165CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1163/LTC1165
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current OFF
VS = 1.8V, VIN1 = VIN2 = VIN3 = VOFF (Note 1,2)
0.01
1
µA
VS = 3.3V, VIN1 = VIN2 = VIN3 = VOFF (Note 1,2)
0.01
1
µA
VS = 5V, VIN1 = VIN2 = VIN3 = VOFF (Note 1,2)
0.01
1
µA
Quiescent Current ON
VS = 1.8V, VIN = VON (Note 2,3)
60
120
µA
VS = 3.3V, VIN = VON (Note 2,3)
95
200
µA
VS = 5V, VIN = VON (Note 2,3)
180
400
µA
VINH
Input High Voltage
1.8V < VS < 2.7V
q
80%
× VS
V
2.7V < VS < 6V
q
70%
× VS
V
VINL
Input Low Voltage
1.8V < VS < 6V
q
15%
× VS
V
IIN
Input Current
0V
≤ VIN ≤ VS
q
±1
µA
CIN
Input Capacitance
5pF
VGATE – VS
Gate Voltage Above Supply
VS = 1.8V, VIN = VON (Note 2)
q
3.5
4.1
6.0
V
VS = 2V, VIN = VON (Note 2)
q
4.0
4.6
7.0
V
VS = 2.2V, VIN = VON (Note 2)
q
4.5
5.2
8.0
V
VS = 3.3V, VIN = VON (Note 2)
q
6.0
8.0
9.5
V
VS = 5V, VIN = VON (Note 2)
q
5.0
9.0
13.0
V
tON
Turn-ON Time
VS = 3.3V, CGATE = 1000pF
Time for VGATE > VS + 1V
40
120
400
µs
Time for VGATE > VS + 2V
60
180
600
µs
VS = 5V, CGATE = 1000pF
Time for VGATE > VS + 1V
30
95
300
µs
Time for VGATE > VS + 2V
40
130
400
µs
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LTC1163C/LTC1165C ........................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
Supply Voltage ......................................................... 7V
Any Input Voltage .......................... 7V to (GND – 0.3V)
Any Output Voltage ....................... 20V to (GND – 0.3V)
Current (Any Pin) ................................................. 50mA
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1163CN8
LTC1165CN8
LTC1163CS8
LTC1165CS8
VS = 1.8V to 6V, TA = 25°C, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
LTC1163C/LTC1165C
S8 PART MARKING
1163
1165
1
2
3
4
8
7
6
5
TOP VIEW
IN1
IN2
IN3
GND
VS
OUT1
OUT2
OUT3
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SOIC
IN1
IN2
IN3
GND
VS
OUT1
OUT2
OUT3
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 100°C, θJA = 150°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com