Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1165CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1165CS8
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1165CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1165CS8 Datasheet HTML 1Page - Linear Technology LTC1165CS8 Datasheet HTML 2Page - Linear Technology LTC1165CS8 Datasheet HTML 3Page - Linear Technology LTC1165CS8 Datasheet HTML 4Page - Linear Technology LTC1165CS8 Datasheet HTML 5Page - Linear Technology LTC1165CS8 Datasheet HTML 6Page - Linear Technology LTC1165CS8 Datasheet HTML 7Page - Linear Technology LTC1165CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1163/LTC1165
OPERATIO
Gate Charge Pump
Gate drive for the power MOSFET is produced by an
internal charge pump circuit which generates a gate volt-
age substantially higher than the power supply voltage.
The charge pump capacitors are included on chip and
therefore no external components are required to generate
gate drive.
Controlled Gate Rise and Fall Times
When the input is switched ON and OFF, the gate is
charged by the internal charge pump and discharged in a
controlled manner. The charge and discharge rates have
been set to minimize RFI and EMI emissions.
BLOCK DIAGRA
(One Channel)
APPLICATIO S I FOR ATIO
Logic-Level MOSFET Switches
The LTC1163/LTC1165 are designed to operate with
logic-level N-channel MOSFET switches. Although there
is some variation among manufacturers, logic-level
MOSFET switches are typically rated with VGS = 4V with
a maximum continuous VGS rating of ±10V. RDS(ON) and
maximum VDS ratings are similar to standard MOSFETs
and there is generally little price differential. Logic-level
MOSFETs are frequently designated by an “L” and are
usually available in surface mount packaging. Some
logic-level MOSFETs are rated with VGS up to ±15V and
can be used in applications which require operation over
the entire 1.8V to 6V range.
Powering Large Capacitive Loads
Electrical subsystems in portable battery-powered equip-
ment are typically bypassed with large filter capacitors to
reduce supply transients and supply induced glitching. If
not properly powered however, these capacitors may
themselves become the source of supply glitching.
For example, if a 100
µF capacitor is powered through a
switch with a slew rate of 0.1V/
µs, the current during start-
up is:
ISTART = C(∆V/∆t)
= (100
× 10–6)(1 × 105)
= 10A
Obviously, this is too much current for the regulator (or
output capacitor) to supply and the output will glitch by as
much as a few volts.
The startup current can be substantially reduced by limit-
ing the slew rate at the gate of an N-channel as shown in
Figure 1. The gate drive output of the LTC1163/LTC1165
is passed through a simple RC network, R1 and C1, which
substantially slows the slew rate of the MOSFET gate to
approximately 1.5
× 10–4V/µs. Since the MOSFET is
operating as a source follower, the slew rate at the source
is essentially the same as that at the gate, reducing the
startup current to approximately 15mA which is easily
LTC1163
LTC1165
LTC1163/65 • BD
GATE
DISCHARGE
LOGIC
CHARGE
PUMP
BIAS
GENERATOR
HIGH
FREQUENCY
OSCILLATOR
GATE
14V
INPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com