Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M12Z Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2M12Z
Description  2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M12Z Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2M12Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CREAT BY ART
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IZM
VmA
ΩΩ
mA
μAV
mA
2M6.8Z
6.8
100
1.5
200
1.00
1000
5.5
246
2M11Z
11
45.5
4.0
700
0.25
1.0
8.4
166
2M12Z
12
41.5
4.5
700
0.25
1.0
9.1
152
2M13Z
13
38.5
5.0
700
0.25
0.5
9.9
138
2M14Z
14
35.7
5.5
700
0.25
0.5
10.6
130
2M15Z
15
33.4
7.0
700
0.25
0.5
11.4
122
2M16Z
16
31.2
8.0
700
0.25
0.5
12.2
114
2M17Z
17
29.4
9.0
750
0.25
0.5
13.0
107
2M18Z
18
27.8
10
750
0.25
0.5
13.7
100
2M19Z
19
26.3
11
750
0.25
0.5
14.4
95
2M20Z
20
25.0
11
750
0.25
0.5
15.2
90
2M22Z
22
22.8
12
750
0.25
0.5
16.7
82
2M24Z
24
20.8
13
750
0.25
0.5
18.2
76
2M27Z
27
18.5
18
750
0.25
0.5
20.6
68
2M30Z
30
16.6
20
1000
0.25
0.5
22.8
60
2M33Z
33
15.1
23
1000
0.25
0.5
25.1
55
2M36Z
36
13.9
25
1000
0.25
0.5
27.4
50
2M39Z
39
12.8
30
1000
0.25
0.5
29.7
47
2M43Z
43
11.6
35
1500
0.25
0.5
32.7
43
2M47Z
47
10.6
40
1500
0.25
0.5
35.8
39
2M51Z
51
9.8
48
1500
0.25
0.5
38.8
36
2M56Z
56
9.0
55
2000
0.25
0.5
42.6
32
2M62Z
62
8.1
60
2000
0.25
0.5
47.1
29
2M68Z
68
7.4
75
2000
0.25
0.5
51.7
27
2M75Z
75
6.7
90
2000
0.25
0.5
56.0
24
2M82Z
82
6.1
100
3000
0.25
0.5
62.2
22
2M91Z
91
5.5
125
3000
0.25
0.5
69.2
20
2M100Z
100
5.0
175
3000
0.25
0.5
76.0
18
2M110Z
110
4.5
250
4000
0.25
0.5
83.6
17
2M120Z
120
4.2
325
4500
0.25
0.5
91.2
15
2M130Z
130
3.8
400
5000
0.25
0.5
98.8
14
2M140Z
140
3.6
500
5500
0.25
0.5
106.4
13
2M150Z
150
3.3
575
6000
0.25
0.5
114.0
12
2M160Z
160
3.1
650
6500
0.25
0.5
121.6
11
2M170Z
170
2.9
675
7000
0.25
0.5
130.4
11
2M180Z
180
2.8
725
7000
0.25
0.5
136.8
10
2M190Z
190
2.6
825
8000
0.25
0.5
144.8
10
2M200Z
200
2.5
900
8000
0.25
0.5
152.0
9
Notes:
1. TOLERANCES - Standard Voltage tolerance = ±5%, tolerances may be considered as a special device
2. ZENER VOLTAGE(VZ) MEASUREMENT - Zener voltage guaranteed when measured at 0.375"(9.5mm) from the
body under 40ms ±10ms current pulse and ambient temperature of 25°C
3. ZENER IMPEDANCE (ZZ) DERIVATION - The zener impedance is derived from 60 cycles AC voltage, which results when
an current having an rms value eqal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK
4. MAXIMUM ZENER CURRENT (IZM) NON-REPETITIVE - The rating listed in the electrical characteristics table is maximum peak
non - repetitive reverse surge current of 1/2 sine wave of 1/120 second duration or equivalent square wave, superimposed
on the test current IZT, per JEDEC standard.
Document Number: DS_D1409044
Version: M15
2M6.8Z - 2M200Z
Taiwan Semiconductor
IR @ VR
Device
(Notes 1)
Nominal Zener
Voltage (Notes 2)
Test
Current
Maximum Zener Impedance (Notes 3)
Leakage Current
Maximum
Zener
Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com