Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M12Z Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # 2M12Z
Description  2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M12Z Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  2M12Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M12Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.60
3.60
0.102
0.142
B
0.70
0.90
0.028
0.035
C
25.40
-
1.000
-
D
5.80
7.60
0.228
0.299
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1409044
Version: M15
MARKING DIAGRAM
2M6.8Z - 2M200Z
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-204AC (DO-15)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com