Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M13Z Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 2M13Z
Description  2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M13Z Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  2M13Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Document Number: DS_D1409044
Version: M15
2M6.8Z - 2M200Z
Taiwan Semiconductor
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
34
56
78
9
10
11
12
Vz, ZENER VOLTAGE @IZT (VOLTS)
FIG.4- UNIT 6.8 - 12 VOLTS
RANGE
VZ @ IZT
10
100
1000
0.1
1
10
100
PW, PULSE WIDTH (ms)
FIG. 2- MAXIMUM SURGE POWER
RECTANGULAR NONREPETITIVE
WAVEFORM TA=25°C PRIOR TO
INITIAL PULSE
0.0001
0.001
0.01
0.1
1
1
10
100
1000
NORMAL Vz (VOLTS)
FIG. 3- TYPICAL REVERSE LEAKAGE
RANGE
0.1
1
10
100
0.01
0.1
1
10
100
1000
PW, PULSE WIDTH, (ms)
FIG. 1- TYPICAL THERMAL RESPONSE
NOTE BELOW 0.1 SECOND,
THERMAL RESPONSE
CURVE IS APPLICABLE TO
ANY LEAD LENGTH(L)
SINGLE PULSE △TJL=ΘJL(1)PPK
PPK
t1
t2
D=0
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100 120 140 160 180 200
Vz, ZENER VOLTAGE @IZT (VOLTS)
FIG.5 UNIT 13 - 200 VOLTS
RANGE
VZ @ IZT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com