Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M13Z Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 2M13Z
Description  2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M13Z Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  2M13Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M13Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Glass passivated chip junction
- Typical IR less than 1μA
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
TJ
°C
TSTG
°C
Note 1: Mounted on Cu-Pad size 10mm x 10mm on PCB
PART NO.
PART NO.
Document Number: DS_D1409044
Version: M15
AEC-Q101 qualified
Green compound
2M6.8ZHA0G
2M6.8Z
H
A0
G
1,000 / Bulk packing
Note 1: "xxx" defines voltage from 6.8V (2M6.8Z) to 200V (2M200Z)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
H
A0
G
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
Storage temperature range
- 55 to +175
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
2MxxxZ
(Note 1)
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
15
A
Operating junction temperature range
- 55 to +175
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Steady state power dissipation at TL=75°C
Lead lengths .375", 9.55mm (Note 1)
PD
2.0
Watts
2M6.8Z - 2M200Z
Taiwan Semiconductor
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
DO-204AC (DO-15)
Case:
DO-204AC (DO-15)
Weight:
0.4g (approximately)


Similar Part No. - 2M13Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M13Z TSC-2M13Z Datasheet
320Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M13Z TSC-2M13Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M13Z TSC-2M13Z Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M13Z LUGUANG-2M13Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M13Z LUGUANG-2M13Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M13Z

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com