Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1235CS
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1235CS Datasheet HTML 8Page - Linear Technology LTC1235CS Datasheet HTML 9Page - Linear Technology LTC1235CS Datasheet HTML 10Page - Linear Technology LTC1235CS Datasheet HTML 11Page - Linear Technology LTC1235CS Datasheet HTML 12Page - Linear Technology LTC1235CS Datasheet HTML 13Page - Linear Technology LTC1235CS Datasheet HTML 14Page - Linear Technology LTC1235CS Datasheet HTML 15Page - Linear Technology LTC1235CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1235
Choose R3 = 300k
Ω and R1 = 51kΩ. Also select R4 =
10k
Ω which is much smaller than R3.
R2 = 9.7k
Ω, Choose nearest 5% resistor 10k and recalcu-
late VL,
VHYSTERESIS = 8.151V – 7.32V = 831mV
S
APPLICATI
I FOR ATIO
Power Fail Warning
The LTC1235 generates a Power Failure Output (PFO) for
early warning of failure in the microprocessor's power
supply. This is accomplished by comparing the Power
Failure Input (PFI) with an internal 1.3V reference. PFO
goes low when the voltage at PFI pin is less than 1.3V.
Typically PFI is driven by an external voltage divider (R1
and R2 in Figures 8 and 9) which senses either an
unregulated DC input or a regulated 5V output. The voltage
divider ratio can be chosen such that the voltage at PFI pin
falls below 1.3V several milliseconds before the +5V
supply falls below the maximum reset voltage threshold
4.75V. PFO is normally used to interrupt the microproces-
sor to execute shut-down procedure between PFO and
RESET or RESET.
The power fail comparator, C3, does not have hysteresis.
Hysteresis can be added however, by connecting a resis-
tor between the PFO output and the noninverting PFI input
pin as shown in Figures 8 and 9. The upper and lower trip
points in the comparator are established as follows:
When PFO output is low, R3 sinks current from the
summing junction at the PFI pin.
When PFO output is high, the series combination of R3 and
R4 source current into the PFI summing junction.
Example 1: The circuit in Figure 8 demonstrates the use of
the power fail comparator to monitor the unregulated
power supply input. Assuming the the rate of decay of the
supply input VIN is 100mV/ms and the total time to execute
a shut-down procedure is 8ms. Also the noise of VIN is
200mV. With these assumptions in mind, we can reason-
ably set VL = 7.5V which 1.25V greater than the sum of
maximum reset voltage threshold and the dropout voltage
of LT1086-5 (4.75V + 1.5V) and VHYSTERESIS = 850mV.
10µF
100µF
VIN VOUT
ADJ
LTC1235 F07
VCC
0.1µF
TO
µP
GND
PFO
LT1086-5
VIN ≥ 7.5V
R4
10k
PFI
LTC1235
R1
51k
R2
10k
R3
300k
+
+
+5V
BACKUP
10µF
10µF
VIN VOUT
ADJ
LTC1235 F08
VCC
0.1µF
TO µP
PFO
GND
LT1086-5
VIN ≥ 6.5V
R4
10k
PFI
+
R1
27k
R3
2.7M
R2
8.2k
+
+5V
R5
3.3k
LTC1235
BACKUP
Figure 9. Monitoring
Regulated DC Supply with the LTC1235
Power Fail Comparator
Figure 8. Monitoring
Unregulated DC Supply with the
LTC1235 Power Fail Comparator
R3
≈ 5.88 R1
V = 1.3V 1+
R1
R2
R1
R3
H
+


V
1.3V 1
R1
R2
–
(5V – 1.3V)R1
1.3V(R3 R4)
L =+
+


Assuming R4«R3,V
5V
R1
R3
HYSTERESIS =
V5V
R1
R3
850mV
HYSTERESIS ==
7.5V = 1.3V 1+
51k
R2
–
(5V – 1.3V)51k
1.3V(310k )
ΩΩ
Ω


V
1.3V 1
51k
10k
–
(5V – 1.3V)51k
1.3V(310k
7.32V
L =+


=
Ω
Ω
Ω
Ω)
V
1.3V 1
51k
10k
51k
300k
8.151V
H =+
+


=
Ω
Ω
Ω
Ω
(7.32V – 6.25V)
100mV/ms
10.7ms
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com