Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1235CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1235CS
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1235CS Datasheet HTML 1Page - Linear Technology LTC1235CS Datasheet HTML 2Page - Linear Technology LTC1235CS Datasheet HTML 3Page - Linear Technology LTC1235CS Datasheet HTML 4Page - Linear Technology LTC1235CS Datasheet HTML 5Page - Linear Technology LTC1235CS Datasheet HTML 6Page - Linear Technology LTC1235CS Datasheet HTML 7Page - Linear Technology LTC1235CS Datasheet HTML 8Page - Linear Technology LTC1235CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1235
VOUT vs IOUT
LOAD CURRENT (mA)
0
4.90
4.95
5.00
40
LTC1235 G01
4.85
4.80
4.75
10
20
30
50
SLOPE = 5
Ω
VCC = 5V
VBATT = 2.8V
TA = 25°C
TEMPERATURE (
˚C)
–50
1.304
1.306
1.308
25
75
LTC1235 G03
1.302
1.300
–25
0
50
100
125
1.298
1.296
1.294
VCC = 5V
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Power Failure Input Threshold
vs Temperature
VOUT vs IOUT
LOAD CURRENT (µA)
0
2.76
2.78
400
LTC1235 G02
2.74
2.72
100
200
300
500
2.80
SLOPE = 125
Ω
BACKUP MODE
SELECTED
VCC = 0V
VBATT = 2.8V
TA = 25°C
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
TA = 25°C
EXTERNAL PULLUP = 10µA
VBATT = 0V
LTC1235 G04
Reset Active Time vs
Temperature
RESET Output Voltage vs Supply
Voltage
Reset Voltage Threshold
vs Temperature
TEMPERATURE (
°C)
–50
4.64
4.65
4.66
25
75
LTC1235 G06
4.63
4.62
–25
0
50
100
125
4.61
4.60
TEMPERATURE (
°C)
–50
216
224
232
25
75
LTC1235 G05
208
200
–25
0
50
100
125
192
184
VCC = 5V
Power Fail Comparator
Response Time
Power Fail Comparator
Response Time
Power Fail Comparator Response
Time with Pullup Resistor
TIME (µs)
0
4
5
6
4
LTC1235 G07
3
2
0
12
3
5
1
1.305V
1.285V
8
7
6
VCC = 5V
TA = 25°C
+
–
VPFI
1.3V
PFO
30pF
VPFI = 20mV STEP
TIME (µs)
0
4
5
6
40
LTC1235 G08
3
2
0
20
60
1
1.315V
1.295V
120
100
80
VPFI = 20mV STEP
180
160
140
VCC = 5V
TA = 25°C
+
–
VPFI
1.3V
PFO
30pF
TIME (µs)
0
4
5
6
4
LTC1235 G09
3
2
0
2
6
1
1.315V
1.295V
12
10
8
VPFI = 20mV STEP
18
16
14
VCC = 5V
TA = 25°C
+
–
VPFI
1.3V
PFO
30pF
10k
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com