Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1174CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 8Page - Linear Technology LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology LTC1174CS8 Datasheet HTML 15Page - Linear Technology LTC1174CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1174
LTC1174-3.3/LTC1174-5
S
APPLICATI
TYPICAL
Negative Boost Converter
LCD Display Power Supply
9V to 5V Pre-Post Regulator
1174 TA09
INPUT
VOLTAGE
6V TO 12.5V
3
LTC1174
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VFB
SW
2
7
6
8
1
5
4
L1
†
50
µH
VOUT
5V
150mA
D1
1
µF
SOLID
TANTALUM
+
2
×
47
µF**
16V
110k
††
0.1
µF
*
**
D1
†
SANYO OS-CON
AVX TPSD476K016
= MBRS140T3 (SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
COILCRAFT
SUMIDA
GOWANDA
PART NO.
CTX50-3
DT3316-473
CD54-470
GA10-472K
TYPE
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
†† USE 1% METAL FILM RESISTORS
30.1k
††
LT1121-5
OUT
GND
8
1
5
VIN
SHUTDOWN
3
+
0.1
µF
+
100
µF*
16V
100pF
1174 TA08
INPUT VOLTAGE
–5V
+
3
LTC1174-3.3
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
L1
†
50
µH
VOUT
–9V
175mA
2
×
33
µF*
16V
D1
0.1
µF
+
2
×
33
µF*
20V
310k
50k
*
D1
†
AVX TPSD336K020
= MBRS140T3 (SURFACE MOUNT)
1N5818
L1 SELECTION
0.1
µF
MANUFACTURER
COILTRONICS
COILCRAFT
SUMIDA
GOWANDA
PART NO.
CTX50-3
DT3316-473
CD54-470
GA10-472K
TYPE
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
1174 TA10
INPUT
VOLTAGE
4V TO 12.5V
+
3
LTC1174
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VFB
SW
2
7
6
8
1
5
4
L1
†
100
µH
VOUT
–24V
50mA AT
VIN = 9V
2
×
47
µF**
16V
0.1
µF
4
×
10
µF*
50V
1N914
998k
††
VIN(V)
4
5
6
7
8
9
10
11
12
IOUT MAX(mA)
20
25
30
35
43
50
55
60
65
Si9035
D1
50k
††
56.2k
††
0.1
µF
*
**
D1
†
AVX TAJE106K050
AVX TPSD476K016
= MBRS140T3 (SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
COILCRAFT
SUMIDA
GOWANDA
PART NO.
CTX100-3
DT3316-104
CD75-101
GA10-103K
TYPE
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
†† USE 1% METAL FILM RESISTORS
2N2222
2N5210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com