Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1174CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 3Page - Linear Technology LTC1174CS8 Datasheet HTML 4Page - Linear Technology LTC1174CS8 Datasheet HTML 5Page - Linear Technology LTC1174CS8 Datasheet HTML 6Page - Linear Technology LTC1174CS8 Datasheet HTML 7Page - Linear Technology LTC1174CS8 Datasheet HTML 8Page - Linear Technology LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1174
LTC1174-3.3/LTC1174-5
where tOFF =4µsandVD isthevoltagedropacrossthediode.
Note that the operating frequency is a function of the input
and ouput voltage.
Although the size of the inductor does not affect the fre-
quency, it does affect the ripple current. The peak-to-peak
ripple current is given by:
I
VV
L
A
RIPPLE
OUT
D
PP
=×
+

 ()
−
−
410
6
By choosing a smaller inductor, a low ESR output filter
capacitor has to be used (see CIN and COUT). Moreover, core
loss will also increase (see Inductor Core Selection section)
due to higher ripple current.
OPERATIO (Refer to Functional Diagram)
circuitry is shut off, reducing quiescent current from
0.45mA to 0.13mA. When the output capacitor discharges
by the amount of the hysteresis of the comparator A1, the
P-channel switch turns on again and the process repeats
itself.
Operating Frequency and Inductor
Since the LTC1174 utilizes a constant off-time architecture,
its operating frequency is dependent on the value of VIN. The
frequency of operation can be expressed as:
f
t
VV
VV
Hz
OFF
IN
OUT
IN
D
=
−
+

 ()
1
S
APPLICATI
I FOR ATIO
Inductor Core Selection
With the value of L selected, the type of inductor must be
chosen. Basically there are two kinds of losses in an
inductor, core and copper
Core losses are dependent on the peak-to-peak ripple
current and the core material. However it is independent of
the physical size of the core. By increasing the inductance
the inductor’s peak-to-peak ripple current will decrease,
therefore reducing core loss. Utilizing low core loss mate-
rial, such as molypermalloy or Kool M
µ will allow users to
concentrate on reducing copper loss and preventing satu-
ration. Figure 1 shows the effect of different core material on
the efficiency of the LTC1174. The CTX core is Kool M
µand
the CTXP core is powdered iron (material 52).
Although higher inductance reduces core loss, it increases
copper loss as it requires more windings. When space is not
a premium larger gauge wire can be used to reduce the wire
resistance. This also prevents excessive heat dissipation.
CIN
In continuous mode the source current of the P-channel
MOSFET is a square wave of duty cycle VOUT/VIN.Toprevent
large voltage transients, a low ESR input capacitor sized for
Figure 1. Efficiency Using Different Types of
Inductor Core Material
LOAD CURRENT (mA)
1
10
100
500
100
90
80
70
60
50
VIN = 5V
VOUT = 3.3V
IPGM = VIN
CTX50-4
CTX50-4P
1174 F01
LOAD CURRENT (mA)
1
10
100
500
100
90
80
70
60
50
VIN = 5V
VOUT = 3.3V
IPGM = VIN
CTX100-4
CTX100-4P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com