Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1257CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1257CS8
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1257CS8 Datasheet HTML 4Page - Linear Technology LTC1257CS8 Datasheet HTML 5Page - Linear Technology LTC1257CS8 Datasheet HTML 6Page - Linear Technology LTC1257CS8 Datasheet HTML 7Page - Linear Technology LTC1257CS8 Datasheet HTML 8Page - Linear Technology LTC1257CS8 Datasheet HTML 9Page - Linear Technology LTC1257CS8 Datasheet HTML 10Page - Linear Technology LTC1257CS8 Datasheet HTML 11Page - Linear Technology LTC1257CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1257
S
APPLICATI
TYPICAL
Auto Ranging 8-Channel ADC with Shutdown
12-Bit Single 5V Control System with Shutdown
5V
1
µF
CONTORL
OUTPUT
VCC
VREF
GND
VOUT
DIN
CLK
LOAD
DOUT
LTC1257
1257 TA04
2N3906
–IN
CB/POWER DOWN
CLK
DATA
DAC LOAD
–
+
VCC
CS
DOUT
CLK
+IN
LTC1297
ADC
VREF
GND
0.1
µF
10
µF
VIN
LT1025A
COMMON
GND
J
74k
1k
10
µF
+
–
100k
10k
100k
1
µF
47k
LTC1050
µP
5V
0.1
µF
VCC
VREF
VOUT
DIN
CLK
LOAD
DOUT
LTC1257
VCC
VREF
GND
VOUT
DIN
CLK
LOAD
DOUT
LTC1257
1257 TA02
0.1
µF
0.1
µF
100
Ω
100
Ω
µP
8 ANALOG
INPUT CHANNELS
LTC1296
CS
DOUT
CLK
DIN
CH0
•
•
•
CH7
COM
REF+ REF–
SSO
22
µF
5V
50k
50k
VCC
74HC04
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com