Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1257CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1257CS8
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1257CS8 Datasheet HTML 1Page - Linear Technology LTC1257CS8 Datasheet HTML 2Page - Linear Technology LTC1257CS8 Datasheet HTML 3Page - Linear Technology LTC1257CS8 Datasheet HTML 4Page - Linear Technology LTC1257CS8 Datasheet HTML 5Page - Linear Technology LTC1257CS8 Datasheet HTML 6Page - Linear Technology LTC1257CS8 Datasheet HTML 7Page - Linear Technology LTC1257CS8 Datasheet HTML 8Page - Linear Technology LTC1257CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1257
TYPICAL PERFORMANCE CHARACTERISTICS
CL (µF)
0.01
70
60
50
40
30
20
10
0
0.1
1
1257 G11
10
100
Reference Compensation
Resistance vs CL
Broadband Noise
PI FU CTIO S
GND (Pin 5): Ground.
REF (Pin 6): The output of the 2.048V reference and the
input to the DAC resistor ladder. An external reference with
voltage from 2.475V to VCC – 2.7V may be used to override
the internal reference.
VOUT (Pin 7): The buffered DAC output is capable of
sourcing 2mA over temperature while pulling within 2.7V
of VCC. The output will pull to ground through an internal
200
Ω equivalent resistance.
VCC (Pin 8): The positive supply input. 4.75V ≤ VCC ≤
15.75V. Requires a bypass capacitor to ground.
CLK (Pin 1): The TTL level input for the serial interface
clock.
DIN(Pin 2): The TTL level input for the serial interface data.
Data on the DIN pin is latched into the shift register on the
rising edge of the serial clock.
LOAD (Pin 3): The TTL level input for the serial interface
load control. Data is loaded from the shift register into the
DAC register, thus updating the DAC output when LOAD is
pulled low. The DAC register is transparent as long as
LOAD is held low.
DOUT(Pin 4):
The output of the shift register which
becomes valid on the rising edge of the serial clock. The
DOUT pin is driven from GND to VCC by an internal CMOS
inverter. Multiple LTC1257s may be cascaded by connect-
ing the DOUT pin to the DIN pin of the next chip.
CODE
0
0.5
0.0
–0.5
1024
2048 2560
1257 TA05
512
1536
3072 3584 4098
Differential Nonlinearity (DNL)
TIME = 5ms/DIV
1257 G12
CODE = FFFH
BW = 3Hz TO 1MHz
GAIN = 1100
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com