Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P0076CU Datasheet(PDF) 49 Page - NEC

Part # UPD75P0076CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0076CU Datasheet(HTML) 49 Page - NEC

Back Button UPD75P0076CU Datasheet HTML 45Page - NEC UPD75P0076CU Datasheet HTML 46Page - NEC UPD75P0076CU Datasheet HTML 47Page - NEC UPD75P0076CU Datasheet HTML 48Page - NEC UPD75P0076CU Datasheet HTML 49Page - NEC UPD75P0076CU Datasheet HTML 50Page - NEC UPD75P0076CU Datasheet HTML 51Page - NEC UPD75P0076CU Datasheet HTML 52Page - NEC UPD75P0076CU Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
µPD75P0076
49
10. CHARACTERISTICS CURVES (REFERENCE VALUES)
10
5.0
1.0
0.5
0.1
0.05
0.01
0.005
0.001
012345678
(TA = 25
°C)
Supply Voltage VDD (V)
PCC = 0010
PCC = 0001
PCC = 0000
Main system clock
HALT mode + 32-kHz oscillation
XT1
XT2
X1
X2
Crystal resonator
6.0 MHz
Crystal resonator
32.768 kHz
330 k
Ω
22 pF
22 pF
33 pF
33 pF
IDD vs VDD (Main System Clock: 6.0-MHz Crystal Resonator)
PCC = 0011
Subsystem clock HALT
mode (SOS.1 = 0) and
main system clock STOP mode
+ 32-kHz oscillation
(SOS.1 = 0)
Subsystem clock HALT mode
(SOS.1 = 1) and main
system clock STOP mode
+ 32-kHz oscillation
(SOS.1 = 1)
Subsystem clock operation
mode (SOS.1 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com