Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P0076CU Datasheet(PDF) 13 Page - NEC

Part # UPD75P0076CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0076CU Datasheet(HTML) 13 Page - NEC

Back Button UPD75P0076CU Datasheet HTML 9Page - NEC UPD75P0076CU Datasheet HTML 10Page - NEC UPD75P0076CU Datasheet HTML 11Page - NEC UPD75P0076CU Datasheet HTML 12Page - NEC UPD75P0076CU Datasheet HTML 13Page - NEC UPD75P0076CU Datasheet HTML 14Page - NEC UPD75P0076CU Datasheet HTML 15Page - NEC UPD75P0076CU Datasheet HTML 16Page - NEC UPD75P0076CU Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
µPD75P0076
13
4. SWITCHING BETWEEN Mk I AND Mk II MODES
Setting a stack bank selection (SBS) register for the
µPD75P0076 enables the program memory to be switched between
the Mk I mode and the Mk II mode. This capability enables the evaluation of the
µPD750064, 750066, and 750068 using
the
µPD75P0076.
When the SBS bit 3 is set to 1: sets Mk I mode (corresponds to Mk I mode of
µPD750064, 750066, and 750068)
When the SBS bit 3 is set to 0: sets Mk II mode (corresponds to Mk II mode of
µPD750064, 750066, and 750068)
4.1 Differences between Mk I Mode and Mk II Mode
Table 4-1 lists the differences between the Mk I mode and the Mk II mode of the
µPD75P0076.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Item
Mk I Mode
Mk II Mode
Program counter
PC13 to 0
Program memory (bytes)
16384
Data memory (bits)
512 x 4
Stack
Stack bank
Selectable from memory banks 0 and 1
Stack bytes
2 bytes
3 bytes
Instruction
BRA !addr1
Not provided
Provided
CALLA !addr1
Instruction
CALL !addr
3 machine cycles
4 machine cycles
execution time CALLF !faddr
2 machine cycles
3 machine cycles
Supported mask ROM versions and
Mk I mode of
µPD750064, 750066,
Mk II mode of
µPD750064, 750066,
mode
and 750068
and 750068
Caution
The Mk II mode supports a program area which exceeds 16K bytes in the 75X and 75XL series. This
mode enhances the software compatibility with products which have more than 16K bytes.
When the Mk II mode is selected, the number of stack bytes used in execution of a subroutine call
instruction increases by 1 per stack for the usable area compared to the Mk I mode. Furthermore, when
a CALL !addr, or CALLF !faddr instruction is used, each instruction takes another machine cycle.
Therefore, when more importance is attached to RAM utilization or throughput than software
compatibility, use the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com